Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5114883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-5114883
Description  Quad, Low Noise, High Performance Uncompensated Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5114883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-5114883 Datasheet HTML 1Page - Intersil Corporation HA-5114883 Datasheet HTML 2Page - Intersil Corporation HA-5114883 Datasheet HTML 3Page - Intersil Corporation HA-5114883 Datasheet HTML 4Page - Intersil Corporation HA-5114883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Spec Number
511015-883
Specifications HA-5114/883
Slew Rate
+SR
VOUT = -5V to +5V
1
+25
oC12
-
V/
µs
-SR
VOUT = +5V to -5V
1
+25oC12
-
V/
µs
Full Power Bandwidth
FPBW
VPEAK = 10V
1, 2
+25
oC191
-
kHz
Minimum Closed Loop
Stable Gain
CLSG
RL = 2kΩ, CL = 50pF
1
-55oC to +125oC10
-
V/V
Rise and Fall Time
tR
VOUT = 0V to +200mV
1, 4
+25oC-
100
ns
tF
VOUT = 0V to -200mV
1, 4
+25oC-
100
ns
Overshoot
+OS
VOUT = 0V to +200mV
1
+25oC-
40
%
-OS
VOUT = 0V to -200mV
1
+25oC-
40
%
Output Resistance
ROUT
Open Loop
1
+25oC-
270
Quiescent Power
Consumption
PC
VOUT = 0V, IOUT =
0mA
1, 3
-55oC to +125oC-
225
mW
Channel Separation
CS
RS = 1kΩ,
AVCL = 100V/V,
VIN = 100mVPEAK at
10kHz Referred to
Input
1+25oC55
-
dB
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πVPEAK).
3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
4. Measured between 10% and 90% points.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Characterized at: VSUPPLY = ±15V, RLOAD = 2kΩ, CLOAD = 50pF, AVCL = 10V/V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - HA-5114883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5114883 INTERSIL-HA-5114883 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
More results

Similar Description - HA-5114883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5114 INTERSIL-HA-5114 Datasheet
32Kb / 5P
   Quad, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
   High Performance Low Noise Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com