Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5022EVAL Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA5022EVAL
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022EVAL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA5022EVAL Datasheet HTML 5Page - Intersil Corporation HA5022EVAL Datasheet HTML 6Page - Intersil Corporation HA5022EVAL Datasheet HTML 7Page - Intersil Corporation HA5022EVAL Datasheet HTML 8Page - Intersil Corporation HA5022EVAL Datasheet HTML 9Page - Intersil Corporation HA5022EVAL Datasheet HTML 10Page - Intersil Corporation HA5022EVAL Datasheet HTML 11Page - Intersil Corporation HA5022EVAL Datasheet HTML 12Page - Intersil Corporation HA5022EVAL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FIGURE 16. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 17. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 18. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 19. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 20. OUTPUT DISABLE / ENABLE RESPONSE
FIGURE 21. OPEN LOOP TRANSIMPEDANCE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
200
150
100
50
0
-50
-100
250
300
TIME (5ns/DIV.)
AV = +5
AV = +10
2.0
1.5
1.0
0.5
0
-0.5
-1.0
2.5
3.0
TIME (5ns/DIV.)
AV = +5
AV = +10
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +5
AV = +10
2.0
1.5
0.5
0
-0.5
-1.0
-1.5
-2.0
1.0
TIME (5ns/DIV.)
AV = +5
AV = +10
TIME (100ns/DIV.)
2.0
1.0
0
-1.0
0
1.0
3.0
OUTPUT
AV = +2
DISABLE INPUT
0.001
0.01
0.1
1
36 10
100
500
FREQUENCY (MHz)
0
45
90
135
180
630
200
63
20
6.3
2
0.63
0.2
0.063
GAIN
PHASE
HFA1245


Similar Part No. - HA5022EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HA5022EVAL INTERSIL-HA5022EVAL Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
HA5022EVAL RENESAS-HA5022EVAL Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5022EVAL RENESAS-HA5022EVAL Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results

Similar Description - HA5022EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com