Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1245 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HFA1245
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1245 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Application Information
Relevant Application Notes
The following Application Notes pertain to the HFA1245:
• AN9787-An Intuitive Approach to Understanding
Current Feedback Amplifiers
• AN9420-Current Feedback Amplifier Theory and
Applications
• AN9663-Converting from Voltage Feedback to Current
Feedback Amplifiers
These publications may be obtained from Intersil’s web site
(http://www.intersil.com).
Optimum Feedback Resistor
Although a current feedback amplifier’s bandwidth
dependency on closed loop gain isn’t as severe as that of a
voltage feedback amplifier, there can be an appreciable
decrease in bandwidth at higher gains. This decrease may
be minimized by taking advantage of the current feedback
amplifier’s unique relationship between bandwidth and RF.
All current feedback amplifiers require a feedback resistor,
even for unity gain applications, and RF, in conjunction with
the internal compensation capacitor, sets the dominant pole
of the frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HFA1245 design is
optimized for a 750
Ω RF at a gain of +2. Decreasing RF
decreases stability, resulting in excessive peaking and
overshoot (Note: Capacitive feedback will cause the same
problems due to the feedback impedance decrease at higher
frequencies). At higher gains the amplifier is more stable, so
RF can be decreased in a trade-off of stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth. For good channel-to-
channel gain matching, it is recommended that all resistors
(termination as well as gain setting) be
±1% tolerance or
better. Note that a series input resistor, on +IN, is required for
a gain of +1, to reduce gain peaking and increase stability.
Channel-To-Channel Frequency Response Matching
The frequency response of channel 1 and channel 2 aren’t
perfectly matched. For the best channel-to-channel
frequency response match in a gain of 2 (see Figure 1), use
RF = 650Ω for channel 1 and RF = 806Ω for channel 2.
Non-inverting Input Source Impedance
For best operation, the DC source impedance seen by the
non-inverting input should be
≥50Ω. This is especially
important in inverting gain configurations where the
non-inverting input would normally be connected directly to
GND.
Pulse Undershoot and Asymmetrical Slew Rates
The HFA1245 utilizes a quasi-complementary output stage
to achieve high output current while minimizing quiescent
supply current. In this approach, a composite device
replaces the traditional PNP pulldown transistor. The
composite device switches modes after crossing 0V,
resulting in added distortion for signals swinging below
ground, and an increased undershoot on the negative
portion of the output waveform (see Figures 7, 11, 15, and
19). This undershoot isn’t present for small bipolar signals,
or large positive signals. Another artifact of the composite
device is asymmetrical slew rates for output signals with a
negative voltage component. The slew rate degrades as the
output signal crosses through 0V (see Figures 7, 11, 15, and
19), resulting in a slower overall negative slew rate. Positive
only signals have symmetrical slew rates as illustrated in the
large signal positive pulse response graphs (see Figures 5,
9, 13, and 17).
DISABLE Input TTL Compatibility
The HFA1245 derives an internal GND reference for the
digital circuitry as long as the power supplies are symmetrical
about GND. With symmetrical supplies the digital switching
threshold (VTH =(VIH +VIL)/2 = (2.0 + 0.8)/2) is 1.4V, which
ensures the TTL compatibility of the DISABLE input. If
asymmetrical supplies (e.g., +10V, 0V) are utilized, the
switching threshold becomes:
and the VIH and VIL levels will be VTH ±0.6V, respectively.
TABLE 1. OPTIMUM FEEDBACK RESISTOR
GAIN
(AV)RF (Ω)
BANDWIDTH
(MHz)
-1
475
280
+1
560 (+RS = 650Ω)260
+2
750
420
+5
200
270
+10
180
140
FREQUENCY (MHz)
1
10
100
1000
1
0
-1
-2
AV = +2
RF = 806Ω, CH2
RF = 650Ω, CH1
-3
-4
2
FIGURE 1. CHANNEL 1 AND CHANNEL 2 MATCHED
FREQUENCY RESPONSE
VTH
V+ V-
+
2
-------------------
1.4V,
+
=
HFA1245


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn