Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1245 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HFA1245
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1245 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Slew Rate (VOUT = 5VP-P, AV = +2)
+SR
B
25
-
1400
-
V/
μs
-SR (Note 7)
B
25
-
800
-
V/
μs
Slew Rate
(VOUT = 5VP-P, AV = -1, RF = 475Ω)
+SR
B
25
-
2200
-
V/
μs
-SR (Note 7)
B
25
-
1200
-
V/
μs
Settling Time (VOUT = +2V to 0V step,
Note 6)
To 0.1%
B
25
-
15
-
ns
To 0.05%
B
25
-
20
-
ns
To 0.02%
B
25
-
40
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
8.5
-
ns
VIDEO CHARACTERISTICS AV = +2, RF = 750Ω, Unless Otherwise Specified
Differential Gain (f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase (f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
Degrees
RL = 75Ω
B
25
-
0.05
-
Degrees
DISABLE CHARACTERISTICS
Disabled Supply Current
VDISABLE = 0V
A
Full
-
3
4
mA/Op Amp
DISABLE Input Logic Voltage
Low
A
Full
-
-
0.8
V
High
A
25, 85
2.0
-
-
V
A
-40
2.4
-
-
V
DISABLE Input Logic Low Current
VDISABLE = 0V
A
Full
-
100
200
μA
DISABLE Input Logic High Current
VDISABLE = 5V
A
Full
-
1
15
μA
Output Disable Time (Note 6)
VOUT = ±1V,
VDISABLE = 2.4V to 0.4V
B25
-
30
-
ns
Output Enable Time (Note 6)
VOUT = ±1V,
VDISABLE = 0.4V to 2.4V
B
25
-
150
-
ns
Disabled Output Capacitance
VDISABLE = 0V
B
25
-
4.5
-
pF
Disabled Output Leakage (Note 6)
VDISABLE = 0V,
VIN = +2V, VOUT = ±3V
AFull
-
2
10
μA
All Hostile Off Isolation (VDISABLE = 0V,
VIN = 1VP-P, AV = +2, Note 6)
At 5MHz
B
25
-
65
-
dB
At 10MHz
B
25
-
60
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 6)
A
25
5.6
5.8
6.1
mA/Op Amp
A
Full
5.4
5.9
6.3
mA/Op Amp
NOTES:
3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
4. The typical use for these amplifiers is in multiplexed configurations, where one amplifier (hostile channel) is enabled, and the passive channel
is disabled. The crosstalk data specified is tested in this manner, with the input signal applied to the hostile channel, while monitoring the output
of the passive channel. Crosstalk performance with both the hostile and passive channels enabled is typically -63dB at 5MHz, and -58dB at
10MHz.
5. Undershoot dominates for output signal swings below GND (e.g., 0.5VP-P), yielding a higher overshoot limit compared to the
VOUT = 0V to 0.5V condition. See the “Application Information“ section for details.
6. See Typical Performance Curves for more information.
7. Slew rates are asymmetrical if the output swings below GND (e.g., a bipolar signal). Positive unipolar output signals have symmetric positive
and negative slew rates comparable to the +SR specification. See the “Application Information” section, and the pulse response graphs for
details.
Electrical Specifications VSUPPLY = ±5V, AV = +1, RF = 560Ω, RS = 650Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1245


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn