Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4314B Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA4314B
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314B Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA4314B_06 Datasheet HTML 2Page - Intersil Corporation HA4314B_06 Datasheet HTML 3Page - Intersil Corporation HA4314B_06 Datasheet HTML 4Page - Intersil Corporation HA4314B_06 Datasheet HTML 5Page - Intersil Corporation HA4314B_06 Datasheet HTML 6Page - Intersil Corporation HA4314B_06 Datasheet HTML 7Page - Intersil Corporation HA4314B_06 Datasheet HTML 8Page - Intersil Corporation HA4314B_06 Datasheet HTML 9Page - Intersil Corporation HA4314B_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SOURCE 0
75
Ω
OUT
SOURCE 1
SOURCE 2
SOURCE 3
75
Ω
75
Ω
75
Ω
HA4314
OUT
CS
IN3
IN0
HA4600
HA4600
EN
OUT
EN
X2
RS
RS
75
Ω
OUT0
RS
HA4314
OUT
CS
IN3
IN0
X2
RS
75
Ω
OUT1
HA4314
OUT
CS
IN3
IN0
X2
RS
75
Ω
OUT2
HA4314
OUT
CS
IN3
IN0
X2
RS
75
Ω
OUT3
OUTPUT BUFFERS
(HFA1112 OR HFA1115)
INPUT BUFFERS
SWITCH MATRIX
+5V
+5V
FIGURE 1. 4x4 SWITCHER/ROUTER APPLICATION
HA4314B


Similar Part No. - HA4314B_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314B_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com