Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5400 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5400
Description  PNP General Purpose Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5400 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5400_01 Datasheet HTML 1Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 2Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 3Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 4Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 5Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 6Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 7Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 8Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PNP General Purpose Amplifier
2N5400
This device is designed for use as general purpose amplifiers
and switches requiring high voltages.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
120
V
VCBO
Collector-Base Voltage
130
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
600
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
2N5400
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
C
B
E
TO-92
© 2001 Fairchild Semiconductor Corporation
2N5400, Rev A


Similar Part No. - 2N5400_01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2N5400-TA DGNJDZ-2N5400-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
ON Semiconductor
2N5400G ONSEMI-2N5400G Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
2N5400RLRP ONSEMI-2N5400RLRP Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
2N5400RLRPG ONSEMI-2N5400RLRPG Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
logo
KEC(Korea Electronics)
2N5400S KEC-2N5400S Datasheet
147Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
More results

Similar Description - 2N5400_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com