Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6402ML11RI Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # L6402ML11RI
Description  128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L6402ML11RI Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button L6402ML11RI Datasheet HTML 2Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 3Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 4Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 5Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 6Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 7Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 8Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 9Page - Advanced Micro Devices L6402ML11RI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
4
Am29LV6402M
January 23, 2006
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Note:In x16 Mode, DQ31 and DQ23 must be connected together on the board.
Part Number
Am29LV1282M
Speed Option
V
CC = 3.0–3.6 V
100R
(VIO = 2.7–3.6 V)
110R
(VIO = 1.65–3.6 V)
Max. Access Time (ns)
100
110
Max. CE# Access Time (ns)
100
110
Max. Page access time (tPACC)30
30
Max. OE# Access Time (ns)
30
30
OE#
WE#
CE#
64 Mbit
Flash Memory
#2
64 Mbit
Flash Memory
#1
DQ23/A-1 to DQ16; DQ7-DQ0
DQ31/A-1 to DQ24; DQ15 TO DQ8
DQ31 to DQ0
A21 to A0
RY/BY#
RESET#
X16
X16
X32
WORD#
WP#/ACC


Similar Part No. - L6402ML11RI

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
More results

Similar Description - L6402ML11RI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV6402M SPANSION-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
S70GL256M00 SPANSION-S70GL256M00 Datasheet
1Mb / 60P
   256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com