Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM41LV3204M Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM41LV3204M
Description  Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41LV3204M Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM41LV3204M Datasheet HTML 59Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 60Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 61Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 62Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 63Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 64Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 65Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 66Page - Advanced Micro Devices AM41LV3204M Datasheet HTML 67Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
64
Am41LV3204M
June 10, 2003
P R E L I M I NARY
TLB069—69-Ball Fine-pitch Ball Grid Array (FBGA) 8 x 10 mm Package
E1
7
SE
A
D1
eD
DC
E
F
G
H
J
K
10
8
9
7
6
4
3
2
1
eE
5
B
PIN A1
CORNER
7
SD
BOTTOM VIEW
C
0.08
0.20 C
A
E
B
C
0.15
(2X)
C
D
C
0.15
(2X)
INDEX MARK
10
6
b
TOP VIEW
SIDE VIEW
CORNER
69X
A1
A2
A
M
0.15
C
MC
AB
0.08
PIN A1
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX IN THE "D" DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX IN THE "E" DIRECTION.
n IS THE NUMBER OF POPULATED SOLDER BALL
POSITIONS FOR MATRIX SIZE MD X ME.
6.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7.
SD AND SE ARE MEASURED WITH RESPECT TO
DATUMS A AND B AND DEFINE THE POSITION OF THE
CENTER SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS
IN THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS
IN THE OUTER ROW, SD OR SE = E/2
8.
"+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9.
NOT USED.
10. A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER
OR INK MARK, METALLIZED MARK INDENTATION OR
OTHER MEANS.
PACKAGE
TLB 069
JEDEC
N/A
10.00 mm X 8.00 mm PACKAGE
NOTE
SYMBOL
MIN.
NOM.
MAX.
A
---
---
1.20
PROFILE
A1
0.20
---
---
BALL HEIGHT
A2
0.81
---
0.97
BODY THICKNESS
D
10.00 BSC
BODY SIZE
E
8.00 BSC
BODY SIZE
D1
7.20 BSC
MATRIX FOOTPRINT
E1
7.20 BSC
MATRIX FOOTPRINT
MD
10
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
69
BALL COUNT
Ob
0.33
---
0.43
BALL DIAMETER
eE
0.80 BSC
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD/SE
0.40 BSC
SOLDER BALL PLACEMENT
A2,A3,A4,A7,A8,A9,B2,B9,B10
DEPOPULATED SOLDER BALLS
C1,C10,D1,D10,E5,E6,F5,F6
G1,G10,H1,H10
J1,J2,J9,J10,K2,K3,K4,K7,K8,K9
NOTES:
w052903-163814C


Similar Part No. - AM41LV3204M

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM41LV3204MB10I SPANSION-AM41LV3204MB10I Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM41LV3204MB10IS SPANSION-AM41LV3204MB10IS Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM41LV3204MB10IT SPANSION-AM41LV3204MB10IT Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM41LV3204MT10I SPANSION-AM41LV3204MT10I Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
More results

Similar Description - AM41LV3204M

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com