Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4410 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 2N4410
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4410 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  2N4410 Datasheet HTML 1Page - Fairchild Semiconductor 2N4410 Datasheet HTML 2Page - Fairchild Semiconductor 2N4410 Datasheet HTML 3Page - Fairchild Semiconductor 2N4410 Datasheet HTML 4Page - Fairchild Semiconductor 2N4410 Datasheet HTML 5Page - Fairchild Semiconductor 2N4410 Datasheet HTML 6Page - Fairchild Semiconductor 2N4410 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TO-92 Tape and Reel Data
March 2001, Rev. B1
©2001 Fairchild Semiconductor Corporation
TO-92 Packaging
Configuration: Figure 1.0
AMMO PACK OPTION
See Fig 3.0 for 2 Ammo
Pack Options
2000 units per
EO70 box for
std option
FSCINT Label
530mm x 130mm x 83mm
Intermediate box
10,000 units maximum
per intermediate box
for std option
FSCINT Label
114mm x 102mm x 51mm
Immediate Box
Anti-static
Bubble Sheets
(TO-92) BULK PACKING INFORMATION
EOL
CODE
DESCRIPTION
LEADCLIP
DIMENSION
QUANTITY
J18Z
TO-18 OPTION STD
NO LEAD CLIP
2.0 K / BOX
J05Z
TO-5 OPTION STD
NO LEAD CLIP
1.5 K / BOX
NO EOL
CODE
TO-92 STANDARD
STRAIGHT FOR: PKG 92,
NO LEADCLIP
2.0 K / BOX
BULK OPTION
See Bulk Packing
Information table
375mm x 267mm x 375mm
Intermediate Box
FSCINT
Label
Customized
Label
333mm x 231mm x 183mm
Intermediate Box
FSCINT
Label
Customized
Label
TO-92 TNR/AMMO PACKING INFROMATION
Packing
Style
Quantity
EOL code
Reel
A
2,000
D26Z
E2,000
D27Z
Ammo
M
2,000
D74Z
P2,000
D75Z
Unit weight
= 0.22 gm
Reel weight with components
= 1.04 kg
Ammo weight with components
= 1.02 kg
Max quantity per intermediate box = 10,000 units
F63TNR
Label
5 Ammo boxes per
Intermediate Box
Customized
Label
327mm x 158mm x 135mm
Immediate Box
LOT:
CBVK741B019
NSID:
PN2222N
D/C1:
D9842
SPEC REV:
B2
SPEC:
QTY:
10000
QA REV:
FAIRCHILD SEMICONDUCTOR CORPORATION
HTB:B
(FSCINT)
F63TNR
Label
Customized
Label
5 Reels per
Intermediate Box
TAPE and REEL OPTION
See Fig 2.0 for various
Reeling Styles
LOT: CBVK741B019
FSID: PN222N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F63TNR Label sample
FSCINT Label sample
C
5 EO70 boxes per
intermediate Box
ustomized
Label
94 (NON PROELECTRON
SERIES), 96
L34Z
TO-92 STANDARD
STRAIGHT FOR: PKG 94
NO LEADCLIP
2.0 K / BOX
(PROELECTRON SERIES
BCXXX, BFXXX, BSRXXX),
97, 98


Similar Part No. - 2N4410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Fairchild Semiconductor
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 11
logo
Central Semiconductor C...
2N4410 CENTRAL-2N4410 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N4410 FAIRCHILD-2N4410 Datasheet
316Kb / 9P
   Small Signal General Purpose Amplifiers & Switchs
More results

Similar Description - 2N4410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com