Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N3903 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 2N3903
Description  NPN General Purpose Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3903 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  2N3903_01 Datasheet HTML 1Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 2Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 3Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 4Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 5Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 6Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 7Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 8Page - Fairchild Semiconductor 2N3903_01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NPN General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Storage Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
T
= 125°C
T
= 25°C
J
J
Fall Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
V
= 40V
CC
T
= 125°C
T
= 25°C
J
J
Current Gain
0.1
1
10
10
100
500
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Output Admittance
0.1
1
10
1
10
100
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Input Impedance
0.1
1
10
0.1
1
10
100
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o
Voltage Feedback Ratio
0.1
1
10
1
2
3
4
5
7
10
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
T
= 25 C
A
o


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT2222NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT6428NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn