Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N3903 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 2N3903
Description  NPN General Purpose Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

2N3903 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
SOT-23
TO-92
Typical Characteristics (continued)
Noise Figure vs Frequency
0.1
1
10
100
0
2
4
6
8
10
12
f - FREQUENCY (kHz)
V
= 5.0V
CE
I
= 100
µA, R
= 500
C
S
I
= 1.0 mA
R
= 200
C
S
I
= 50
µA
R
= 1.0 k
C
S
I
= 0.5 mA
R
= 200
C
S
k
Noise Figure vs Source Resistance
0.1
1
10
100
0
2
4
6
8
10
12
R
- SOURCE RESISTANCE (
)
I
= 100
µA
C
I
= 1.0 mA
C
S
I
= 50
µA
C
I
= 5.0 mA
C
0
40
60
80
100
120
140
160
20
180
Current Gain and Phase Angle
vs Frequency
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
f - FREQUENCY (MHz)
θ
V
= 40V
CE
I
= 10 mA
C
h fe
Turn-On Time vs Collector Current
110
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
40V
15V
2.0V
t
@
V
= 0V
CB
d
t
@
V
= 3.0V
CC
r
Rise Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
T
= 125°C
T
= 25°C
J
V
= 40V
CC
J
NPN General Purpose Amplifier
(continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N3704_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3859A_02NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT2222NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT6428NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn