Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7190 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI7190
Description  24-Bit, High Precision, Sigma Delta A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7190 Datasheet(HTML) 2 Page - Intersil Corporation

  HI7190_06 Datasheet HTML 1Page - Intersil Corporation HI7190_06 Datasheet HTML 2Page - Intersil Corporation HI7190_06 Datasheet HTML 3Page - Intersil Corporation HI7190_06 Datasheet HTML 4Page - Intersil Corporation HI7190_06 Datasheet HTML 5Page - Intersil Corporation HI7190_06 Datasheet HTML 6Page - Intersil Corporation HI7190_06 Datasheet HTML 7Page - Intersil Corporation HI7190_06 Datasheet HTML 8Page - Intersil Corporation HI7190_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN3612.10
June 27, 2006
Functional Block Diagram
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HI7190IP
HI7190IP
-40 to 85
20 Ld PDIP
E20.3
HI7190IPZ
HI7190IPZ
-40 to 85
20 Ld PDIP*
(Pb-free)
E20.3
HI7190IB
HI7190IB
-40 to 85
20 Ld SOIC
M20.3
HI7190IBZ
(Note)
HI7190IBZ
-40 to 85
20 Ld SOIC
(Pb-free)
M20.3
HI7190IBZ-T
(Note)
HI7190IBZ
-40 to 85
20 Ld SOIC
Tape and Reel
(Pb-free)
M20.3
HI7190EVAL
Evaluation Kit
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
DIGITAL FILTER
∑ − Δ
MODULATOR
PGIA
1-BIT
D/A
1
CONTROL AND SERIAL INTERFACE UNIT
CONTROL REGISTER
SERIAL INTERFACE
UNIT
CLOCK
GENERATOR
AVDD
TRANSDUCER
BURN-OUT
CURRENT
VINHI
VINLO
VCM
OSC1
OSC2
DRDY RESET SYNC
CS
MODE
SCLK SDIO SDO
VRHI
VRLO
REFERENCE
INPUTS
∫∫
HI7190


Similar Part No. - HI7190_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190EVAL INTERSIL-HI7190EVAL Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190EVAL INTERSIL-HI7190EVAL Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190EVAL INTERSIL-HI7190EVAL Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190EVAL INTERSIL-HI7190EVAL Datasheet
474Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7190EVAL INTERSIL-HI7190EVAL Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
More results

Similar Description - HI7190_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191 INTERSIL-HI7191_06 Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com