Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1205 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA1205
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1205 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA1205_04 Datasheet HTML 1Page - Intersil Corporation HFA1205_04 Datasheet HTML 2Page - Intersil Corporation HFA1205_04 Datasheet HTML 3Page - Intersil Corporation HFA1205_04 Datasheet HTML 4Page - Intersil Corporation HFA1205_04 Datasheet HTML 5Page - Intersil Corporation HFA1205_04 Datasheet HTML 6Page - Intersil Corporation HFA1205_04 Datasheet HTML 7Page - Intersil Corporation HFA1205_04 Datasheet HTML 8Page - Intersil Corporation HFA1205_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Non-inverting Input Source Impedance
For best operation, the DC source impedance seen by the
non-inverting input should be
≥50Ω. This is especially
important in inverting gain configurations where the non-
inverting input would normally be connected directly to GND.
Pulse Undershoot and Asymmetrical Slew Rates
The HFA1205 utilizes a quasi-complementary output stage
to achieve high output current while minimizing quiescent
supply current. In this approach, a composite device
replaces the traditional PNP pulldown transistor. The
composite device switches modes after crossing 0V,
resulting in added distortion for signals swinging below
ground, and an increased undershoot on the negative
portion of the output waveform (see Figures 7, 11, 15 and
19). This undershoot isn’t present for small bipolar signals,
or large positive signals (see Figures 5, 6, 9, 10, 13, 14, 17
and 18). Another artifact of the composite device is
asymmetrical slew rates for output signals with a negative
voltage component. The slew rate degrades as the output
signal crosses through 0V (see Figures 7, 11, 15, and 19),
resulting in a slower overall negative slew rate. Positive only
signals have symmetrical slew rates as illustrated in the
large signal positive pulse response graphs (see Figures 5,
9, 13 and 17).
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The
use of low inductance components such as chip
resistors and chip capacitors is strongly recommended,
while a solid ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
µF) tantalum in parallel with a small value
(0.1
µF) chip capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the
input and output of the device. Capacitance directly on the
output must be minimized, or isolated as discussed in the
next section.
Care must also be taken to minimize the capacitance to
ground at the amplifier’s inverting input (-IN). The larger this
capacitance, the worse the gain peaking, resulting in pulse
overshoot and possible instability. Reduce this capacitance
by removing the ground plane under traces connected to -
IN, and keep connections to -IN as short as possible.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier
bandwidth of 425MHz (for AV = +2). By decreasing RS as
CL increases (as illustrated in the curves), the maximum
bandwidth is obtained without sacrificing stability. In spite
of this, bandwidth still decreases as the load capacitance
increases. For example, at AV =+2, RS =50Ω, CL =22pF,
the overall bandwidth is limited to 230MHz, and bandwidth
drops to 80MHz at AV = +2, RS = 7Ω, CL = 390pF.
Evaluation Board
The performance of the HFA1205 may be evaluated using
the HA5023 Evaluation Board.
The performance of the HFA1205IB (SOIC) may be
evaluated using the HA5023 Evaluation Board and a SOIC
to DIP adaptor like the Aries Electronics Part Number
08-350000-10.
The schematic for amplifier 1 and the board layout are
shown in Figure 2 and Figure 3. Resistors RF, RG and RS
may require a change to the appropriate value (see
“Optimum Feedback Resistor” section) for the gain being
evaluated.
To order evaluation boards (Part Number HA5023EVAL),
please contact your local sales office.
0
100
200
300
400
0
10
20
30
40
50
LOAD CAPACITANCE (pF)
AV = +2
150
250
350
50
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs
LOAD CAPACITANCE
HFA1205


Similar Part No. - HFA1205_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205IB INTERSIL-HFA1205IB Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1205IB RENESAS-HFA1205IB Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205IP INTERSIL-HFA1205IP Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1205IP RENESAS-HFA1205IP Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
More results

Similar Description - HFA1205_04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com