Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444 Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG444
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG444 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG444_06 Datasheet HTML 2Page - Intersil Corporation DG444_06 Datasheet HTML 3Page - Intersil Corporation DG444_06 Datasheet HTML 4Page - Intersil Corporation DG444_06 Datasheet HTML 5Page - Intersil Corporation DG444_06 Datasheet HTML 6Page - Intersil Corporation DG444_06 Datasheet HTML 7Page - Intersil Corporation DG444_06 Datasheet HTML 8Page - Intersil Corporation DG444_06 Datasheet HTML 9Page - Intersil Corporation DG444_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN3586.9
November 20, 2006
Application Information
FIGURE 5. SOURCE/DRAIN CAPACITANCES TEST CIRCUIT
Test Circuits and Waveforms (Continued)
+15V
V+
C
GND
VS
VD
INX
V-
-15V
C
IMPEDANCE
ANALYZER
f = 1MHz
0V, 2.4V
FIGURE 6. PRECISION WEIGHTED RESISTOR
PROGRAMMABLE GAIN AMPLIFIER
+15V
FET INPUT
OP AMP
VIN
12
3
2
+5V
7
6
R3
4k
Ω
R2
5k
Ω
R1
90k
Ω
3
14
11
6
VOUT
WITH SW4 CLOSED
V
OUT
V
IN
----------------
R
1
R
2
R
3
R
4
+++
R
4
-------------------------------------------------
100
==
GAIN ERROR IS DETERMINED ONLY BY
THE RESISTOR TOLERANCE, OP AMP OFFSET
AND CMRR WILL LIMIT ACCURACY OF CIRCUIT
2
1
15
16
10
9
7
8
GAIN1
AV = 1
GAIN2
AV = 10
GAIN3
AV = 20
GAIN4
AV = 100
V-
4
-15V
GND
5
R4
1k
Ω
-15V
4
+
-
13
VL
V+
DG444 OR DG445
+15V
FIGURE 7. LEVEL SHIFTER
VIN
1/
4 DG444
VL
+5V
V-
VOUT
GND
+15V
+15V
V+
10k
Ω
0V
+5V
0V
+15V
DG444, DG445


Similar Part No. - DG444_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
More results

Similar Description - DG444_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com