Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2543 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2543
Description  Dual octal latched transceivers with dual enable 3-State
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2543 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2543 Datasheet HTML 1Page - NXP Semiconductors MB2543 Datasheet HTML 2Page - NXP Semiconductors MB2543 Datasheet HTML 3Page - NXP Semiconductors MB2543 Datasheet HTML 4Page - NXP Semiconductors MB2543 Datasheet HTML 5Page - NXP Semiconductors MB2543 Datasheet HTML 6Page - NXP Semiconductors MB2543 Datasheet HTML 7Page - NXP Semiconductors MB2543 Datasheet HTML 8Page - NXP Semiconductors MB2543 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2543
Dual octal latched transceivers with dual enable
(3-State)
1
August 23, 1993
853–1656 10584
FEATURES
Two 8-bit octal transceivers with D-type
latch
Live insertation/extraction permitted
Power-up 3-State
Power-up reset
Multiple V
CC and GND pins minimize
switching noise
Back-to-back registers for storage
Separate controls for data flow in each
direction
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2543 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2543 dual octal registered transceiver
contains two sets of D-type latches for
temporary storage of data flowing in either
direction. Separate Latch Enable (nLEAB,
nLEBA) and Output Enable (nOEAB,
nOEBA) inputs are provided for each
register to permit independent control of data
transfer in either direction. The outputs are
guaranteed to sink 64mA.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx
CL = 50pF; VCC = 5V
3.3
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack
–40
°C to +85°C
MB2543BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
19
22
20
23
17
16
25
26
24
15
14
21
18
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
GND
2B3
2B4
2B5
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2543
52-pin PQFP
42
41
39
38
37
36
35
34
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
50
51
1
2
3
5
6
7
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
49
44
1EAB
1EBA
48
1LEAB
45
1LEBA
47
1OEAB
46
1OEBA
33
32
31
29
28
27
25
24
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
8
9
10
11
12
13
15
16
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
18
23
2EAB
2EBA
19
2LEAB
22
2LEBA
20
2OEAB
21
2OEBA


Similar Part No. - MB2543

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB254 RECTRON-MB254 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Shenzhen Ping Sheng Ele...
MB254 PFS-MB254 Datasheet
220Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
MB254 BYTES-MB254 Datasheet
157Kb / 2P
   SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
MB254 PFS-MB254 Datasheet
216Kb / 2P
   High forward surge current capability
logo
Dc Components
MB254 DCCOM-MB254 Datasheet
390Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - MB2543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com