Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2936MM-3.0 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2936MM-3.0
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936MM-3.0 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2936MM-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2936MM-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2936
Ultra-Low Quiescent Current LDO Voltage Regulator
General Description
The LM2936 ultra-low quiescent current regulator features
low dropout voltage and low current in the standby mode.
With less than 15 µA quiescent current at a 100 µA load, the
LM2936 is ideally suited for automotive and other battery
operated systems. The LM2936 retains all of the features
that are common to low dropout regulators including a low
dropout PNP pass device, short circuit protection, reverse
battery protection, and thermal shutdown. The LM2936 has
a 40V maximum operating voltage limit, a −40˚C to +125˚C
operating temperature range, and ±3% output voltage toler-
ance over the entire output current, input voltage, and tem-
perature range. The LM2936 is available in a TO-92 pack-
age, SO-8 and SOT–23 surface mount packages, and a
TO-252 surface mount power package.
Features
n
Ultra low quiescent current (I
Q
≤ 15 µA for I
O = 100 µA)
n
Fixed 3.0V, 3.3V or 5.0V with 50 mA output
n ±
2% Initial output tolerance
n ±
3% Output tolerance over line, load, and temperature
n
Dropout voltage typically 200 mV @ I
O =50mA
n
Reverse battery protection
n
−50V reverse transient protection
n
Internal short circuit current limit
n
Internal thermal shutdown protection
n
40V operating voltage limit
n
60V operating voltage limit for LM2936HV
n
Shutdown Pin available with LM2936BM package
Typical Application
00975901
* Required if regulator is located more than 2" from power supply filter capacitor.
** Required for stability. See Electrical Characteristics for required values. Must be rated over intended operating temperature range. Effective series
resistance (ESR) is critical, see curve. Locate capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased
without bound.
October 2006
© 2006 National Semiconductor Corporation
DS009759
www.national.com


Similar Part No. - LM2936MM-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936MM-3.0 NSC-LM2936MM-3.0 Datasheet
294Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936MM-3.0 NSC-LM2936MM-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
logo
Texas Instruments
LM2936MM-3.0 TI-LM2936MM-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MM-3.0 TI-LM2936MM-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MM-3.0/NOPB TI-LM2936MM-3.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936MM-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com