Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B69812N2457A301 Datasheet(PDF) 4 Page - EPCOS

Part No. B69812N2457A301
Description  Microwave Ceramics and Modules 2-Pole Filter for W-LAN
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B69812N2457A301 Datasheet(HTML) 4 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Microwave Ceramics and Modules
Filter
2-Pole Filter for W-LAN
B69812N2457A301
Data Sheet
ISSUE DATE
03.03.04
ISSUE
A
PUBLISHER
SAW MWC PD
PAGE
4/4
Processing information
ZNr.: 527 (FILT95_2)
Wettability acc. to IEC 68-2-58:
≥ 75% (after aging)
Soldering requirements
Profile for eutectic
SnPb solder paste
Profile for leadfree
solder paste
Soldering type
reflow
reflow
Maximum soldering temperature
235 (max. 2 sec.)
260 (max. 2 sec.)
°C
(measuring point on top surface of the component) 225 (max. 10 sec.)
250 (max. 10 sec.) °C
Recommended soldering conditions (infrared):
20-40 sec.
40-80 sec.
within 10 sec.
Time [sec.]
Temp. [°C]
215°C±10°C
30 sec.
2-3 min.
within 10 sec.
Time [sec.]
Temp. [°C]
245°C±5°C
2.5 °C/s
> - 5 °C/s
eutectic SnPb solder paste profile
leadfree solder paste profile
Delivery mode
Blister tape acc. to IEC 286-3, polystyrol, grey
Pieces/tape: 3000
B
B
Profile B-B:
Profile A-A:
Reel: diamerter - 330mm
A
A
 EPCOS AG 2001. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the
information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed characteristics.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry
recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn