Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV200BB50DTC1 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29LV200BB50DTC1
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BB50DTC1 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29LV200BB50DTC1 Datasheet HTML 1Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BB50DTC1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Am29LV200B Known Good Die
November 18, 2003
SU PP L E ME NT
PAD DESCRIPTION (RELATIVE TO DIE CENTER)
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
–0.90
57.70
–0.02
1.47
2
DQ4
–13.00
57.70
–0.33
1.47
3
DQ12
–18.90
57.70
–0.48
1.47
4
DQ5
–24.80
57.70
–0.63
1.47
5
DQ13
–30.70
57.70
–0.78
1.47
6
DQ6
–36.50
57.70
–0.93
1.47
7
DQ14
–42.40
57.70
–1.08
1.47
8
DQ7
–48.30
57.70
–1.23
1.47
9
DQ15/A–1
–54.20
57.70
–1.38
1.47
10
VSS
–63.60
56.20
–1.62
1.43
11
BYTE#
–63.60
46.10
–1.62
1.17
12
A16
–63.60
36.00
–1.62
0.91
13
A15
–63.30
–54.80
–1.61
–1.39
14
A14
–55.90
–54.80
–1.42
–1.39
15
A13
–50.50
–54.80
–1.28
–1.39
16
A12
–44.70
–54.80
–1.14
–1.39
17
A11
–39.30
–54.80
–1.00
–1.39
18
A10
–33.40
–54.80
–0.85
–1.39
19
A9
–28.00
–54.60
–0.71
–1.39
20
A8
–22.10
–54.80
–0.56
–1.39
21
WE#
–16.60
–54.80
–0.42
–1.39
22
RESET#
–7.10
–58.60
–0.18
–1.49
23
RY/BY#
10.20
–58.60
0.26
–1.49
24
Not Connected
N/A
N/A
N/A
N/A
25
A7
28.00
–54.80
0.71
–1.39
26
A6
33.40
–54.80
0.85
–1.39
27
A5
39.30
–54.80
1.00
–1.39
28
A4
44.70
–54.80
1.14
–1.39
29
A3
50.50
–54.80
1.28
–1.39
30
A2
55.90
–54.80
1.42
–1.39
31
A1
63.30
–54.80
1.61
–1.39
32
A0
63.60
35.80
1.62
0.91
33
CE#
63.60
45.90
1.62
1.17
34
VSS
63.60
56.00
1.62
1.42
35
OE#
54.20
58.60
1.38
1.49
36
DQ0
46.60
57.70
1.18
1.47
37
DQ8
40.70
57.70
1.03
1.47
38
DQ1
34.90
57.70
0.89
1.47
39
DQ9
28.90
57.70
0.73
1.47
40
DQ2
23.10
57.70
0.59
1.47
41
DQ10
17.20
57.70
0.44
1.47
42
DQ3
11.40
57.70
0.29
1.47
43
DQ11
5.40
57.70
0.14
1.47


Similar Part No. - AM29LV200BB50DTC1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ECB AMD-AM29LV200BB-120ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ED AMD-AM29LV200BB-120ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EE AMD-AM29LV200BB-120EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV200BB50DTC1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com