Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9949KCP Datasheet(PDF) 34 Page - Analog Devices

Part # AD9949KCP
Description  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949KCP Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9949KCP Datasheet HTML 28Page - Analog Devices AD9949KCP Datasheet HTML 29Page - Analog Devices AD9949KCP Datasheet HTML 30Page - Analog Devices AD9949KCP Datasheet HTML 31Page - Analog Devices AD9949KCP Datasheet HTML 32Page - Analog Devices AD9949KCP Datasheet HTML 33Page - Analog Devices AD9949KCP Datasheet HTML 34Page - Analog Devices AD9949KCP Datasheet HTML 35Page - Analog Devices AD9949KCP Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9949
Rev. B | Page 34 of 36
OUTLINE DIMENSIONS
1
40
10
11
31
30
21
20
4.25
4.10 SQ
3.95
TOP
VIEW
6.00
BSC SQ
PIN 1
INDICATOR
5.75
BCS SQ
12° MAX
0.30
0.23
0.18
0.20 REF
SEATING
PLANE
1.00
0.85
0.80
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.80 MAX
0.65 TYP
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTO M VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
Figure 47. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body
(CP-40)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9949KCP
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
AD9949KCPRL
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
AD9949KCPZ1
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
AD9949KCPZRL1
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
AD9949AKCPZ1, 2
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
AD9949AKCPZRL1, 2
−20°C to +85°C
40-Lead Lead Frame Chip Scale Package (LFCSP)
CP-40
1 Z = PB-free part.
2 The AD9949A is recommended for new designs and supports CCD line lengths > 4096 pixels.


Similar Part No. - AD9949KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Similar Description - AD9949KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com