Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL3585ETR13 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL3585ETR13
Description  PROFIBUS Compatible Isolated RS485 Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3585ETR13 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL3585ETR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3585ETR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IL3585
Driver Section
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameters
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Input Clamp Voltage
V
IK
-1.5
V
I
L = -18 mA
Output voltage
V
O
V
DD
V
I
O = 0
Differential Output Voltage(2)
|V
OD
1|
V
DD
V
I
O = 0
Differential Output Voltage(2)
|V
OD
2|
2.5
3
5
V
R
L = 54 Ω, VDD = 5 V
Differential Output Voltage(2)(6)
V
OD
3
2.3
5
V
R
L = 54 Ω, VDD = 4.5 V
Change in Magnitude of Differential
Output Voltage(7)
∆|V
OD|
±0.2
V
R
L = 54 Ω or 100 Ω
Common Mode Output Voltage
V
OC
3
V
R
L = 54 Ω or 100 Ω
Change in Magnitude of Common
Mode Output Voltage(7)
∆|V
OC|
±0.2
V
R
L = 54 Ω or 100 Ω
Output Current(4)
I
O
1
-0.8
mA
Output Disabled
, V
O = 12
V
O = -7
High Level Input Current
I
IH
10
µA
V1 = 3.5 V
Low Level Input Current
I
IL
-10
µA
V1 = 0.4 V
Absolute |Short-circuit Output Current|
I
OS
60
250
µA
-7 V> V
O <12 V
Supply Current
(V
DD
2 = +5 V)
(V
DD
1 = +5 V)
(V
DD
1 = +3.3 V)
I
DD
2
I
DD
1
I
DD
1
5
4
3
8
6
4
mA
No Load
(Outputs Enabled)
Switching Specifications
Parameters
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Maximum Data Rate
40
Mbps
R
L = 54 Ω, CL = 50 pF
Differential Output Prop Delay
t
D(OD)
20
30
ns
R
L = 54 Ω, CL = 50 pF
Pulse Skew(10)
t
S(P)
1
6
ns
R
L = 54 Ω, CL = 50 pF
Differential Output Rise & Fall Time
t
T(OD)
5
8
ns
R
L = 54 Ω, CL = 50 pF
Output Enable Time To High Level
t
PZH
20
30
ns
R
L = 54 Ω, CL = 50 pF
Output Enable Time To Low Level
t
PZL
20
30
ns
R
L = 54 Ω, CL = 50 pF
Output Disable Time From High Level
t
PHZ
20
30
ns
R
L = 54 Ω, CL = 50 pF
Output Disable Time From Low Level
t
PLZ
20
30
ns
R
L = 54 Ω, CL = 50 pF
Skew Limit(3)
t
SK(LIM)
2
12
ns
R
L = 54 Ω, CL = 50 pF
Notes: These apply to both driver and receiver sections
1.
All Voltage values are with respect to network ground except differential I/O bus voltages.
2.
Differential input/output voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
3.
Skew limit is the maximum propagation delay difference between any two devices at 25°C.
4.
The power-off measurement in ANSI Standard EIA/TIA-422-B applies to disabled outputs only and is not applied to combined inputs and
outputs.
5.
All typical values are at V
DD
1,VDD2 = 5 V or VDD1= 3.3 V and TA = 25°C.
6.
While –7 V<V
CM>12 V, the minimum VOD
2 with a 54 Ω load is either ½ VOD1 or 2.3 V, whichever is greater.
7.
∆|V
OD| and ∆ |VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed form one logic state to
the other.
8.
This applies for both power on and power off, refer to ANSI standard RS-485 for exact condition. The EIA/TIA-422-B limit does not apply
for a combined driver and receiver terminal.
9.
Includes 10 ns read enable time. Maximum propagation delay is 25 ns after read assertion.
10. Pulse skew is defined as the |t
PLH –tPHL| of each channel.
11. Absolute Maximum specifications mean the device will not be damaged if operated under these conditions. It does not guarantee
performance.


Similar Part No. - IL3585ETR13

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL358 INTEGRAL-IL358 Datasheet
186Kb / 4P
   Low Power Dual Operational Amplifier
logo
Vishay Siliconix
IL358 VISHAY-IL358 Datasheet
187Kb / 5P
   Linear Optocoupler for Optical DAA in Telecommunications, High Performance
Rev. 1.1, 04-Jun-04
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
IL358 IKSEMICON-IL358 Datasheet
481Kb / 7P
   Low Power Dual Operational Amplifier
logo
Vishay Siliconix
IL358 VISHAY-IL358 Datasheet
94Kb / 5P
   Linear Optocoupler for Optical DAA in Telecommunications, High Performance
Rev. 1.5, 09-Nov-12
More results

Similar Description - IL3585ETR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
   Isolated RS485-3V Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
   Isolated RS485 Interface with Handshake
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
   Isolated RS485 Interface With Handshake
logo
Linear Technology
LTC2876 LINER-LTC2876 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Festo Corporation.
8086608 FESTO-8086608 Datasheet
91Kb / 3P
   PROFIBUS interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com