Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL3222E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IL3222E
Description  Fractional Load RS485 and RS422 Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3222E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IL3222E Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3222E Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IL3285 IL3222
5
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Receiver Section
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Positive-going Input Threshold
Voltage
VIT+
0.2
V
-7 V < VCM < 12 V
Negative-going Input Threshold
Voltage
VIT-
–0.2
V
-7 V < VCM < 12 V
Hysteresis Voltage (Vit+ - Vit-)
VHYS
70
mV
VCM =0V, T=25
°C
High Level Digital Output Voltage
VOH
VDD – 0.2
VDD
V
VID = 200 mV
IOH = -20 mA
Low Level Digital Output Voltage
VOL
0.2
V
VID = -200 mV
IOL = 20mA
High-impedance-state output current
IOZ
1
µA
0.4
≤ VO ≤ (VDD2 - 0.5) V
Line Input Current(8)
II
1
mA
VI = 12 V
-0.8
VI = -7 V
Input Resistance
rI
96
k
Supply Current (VDD2 = +5V)
IDD2
4
7
mA
Supply Current (VDD1 = +5V)
IDD1
2
3
mA
Supply Current (VDD1 = +3.3V)
IDD1
1.4
2
mA
Switching Characteristics @ 5 V
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Maximum Data Rate
1
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(9)
tPD
100
165
ns
-1.5
≤ VO ≤ 1.5 V,
CL = 15 pF
Pulse Skew(10)
tSK(P)
4
16
ns
-1.5
≤ VO ≤ 1.5 V,
CL = 15 pF
Skew Limit(3)
tSK(LIM)
8
32
ns
RL = 54 Ω, CL = 50 pF
Output Enable Time To High Level
tPZH
15
60
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
15
60
ns
CL = 15 pF
Output Disable Time From High Level
tPHZ
15
60
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
15
60
ns
CL = 15 pF
Switching Characteristics @ 3.3 V
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Maximum Data Rate
5
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(9)
tPD
105
170
ns
-1.5
≤ VO ≤ 1.5 V,
CL = 15 pF
Pulse Skew(10)
tSK(P)
4
16
ns
-1.5
≤ VO ≤ 1.5 V,
CL = 15 pF
Skew Limit(3)
tSK(LIM)
8
16
ns
RL = 54 Ω, CL = 50 pF
Output Enable Time To High Level
tPZH
17
27
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
17
27
ns
CL = 15 pF
Output Disable Time From High Level
tPHZ
17
27
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
17
27
ns
CL = 15 pF


Similar Part No. - IL3222E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL324 IKSEMICON-IL324 Datasheet
354Kb / 5P
   Low Power Quad Operational Amplifier
IL324 IKSEMICON-IL324 Datasheet
293Kb / 5P
   Low Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324D ETC-IL324D Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL324D IKSEMICON-IL324D Datasheet
354Kb / 5P
   Low Power Quad Operational Amplifier
More results

Similar Description - IL3222E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com