Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20100CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR20100CT
Description  20A SBR Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20100CT Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR20100CT Datasheet HTML 1Page - Diodes Incorporated SBR20100CT Datasheet HTML 2Page - Diodes Incorporated SBR20100CT Datasheet HTML 3Page - Diodes Incorporated SBR20100CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBR20100CT
SBR20100CTFP
SBR20100CTB
Marking, Polarity, Weight & Ordering Information
SBR20100CT
SBR20100CTFP
SBR20100CTB
Case Style
TO-220AB
D
2PAK
ITO-220AB
t
Anode
Common
Cathode Anode
Case
t
Anode
Common
Cathode Anode
Polarity
Case
t
Anode
Common
Cathode Anode
Marking
2.1g
1.9g
Weight
1.6g
Ordering
Information
SBR20100CT
50 pieces/tube
SBR20100CTFP
SBR20100CTB
50 pieces/tube
50 pieces/tube
Date Code
YY = Last two digits of year, ex = 06 = 2006
WW = Week (01-52)
Other Marking
Information
A = Foundry Code
B = Assembly Code
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
SBR20100 Rev. 2
4 of 4
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR20100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR20100CT ETC1-SBR20100CT Datasheet
71Kb / 3P
   Super Barrier Rectifier
logo
Diodes Incorporated
SBR20100CT DIODES-SBR20100CT Datasheet
297Kb / 5P
   Low Forward Voltage Drop
logo
Sangdest Microelectroni...
SBR20100CT SMC-SBR20100CT Datasheet
168Kb / 6P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBR20100CT DIODES-SBR20100CT Datasheet
470Kb / 6P
   20A SBR SUPER BARRIER RECTIFIER
SBR20100CT-G DIODES-SBR20100CT-G Datasheet
297Kb / 5P
   Low Forward Voltage Drop
More results

Similar Description - SBR20100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A60CT DIODES-SBR20A60CT_11 Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com