Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32_SMA-50-0-100111_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 32_SMA-50-0-100111_N
Description  COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

32_SMA-50-0-100111_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  32_SMA-50-0-100111_N Datasheet HTML 1Page - Huber+Suhner, Inc. 32_SMA-50-0-100111_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-100/111_N
Properties
• Wide range of di erent
configurations
• Most common inte aces
available
• Accurate transitions
• E ective and reliable
interconnection solutions
• Appropriate materials
Product configuration
Inte ace type
Gender
Standard
SMA-26.5GHz
plug (male)
HUBER+SUHNER-SMA-26.5GHz
SMA-26.5GHz
plug (male)
HUBER+SUHNER-SMA-26.5GHz
Inte ace and material data
SMA-26.5GHz
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Coupling nut
Bronze
Gold Plating (Nickel underplated)
Washer
VMQ (Silicone rubber)
SMA-26.5GHz
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Coupling nut
Bronze
Gold Plating (Nickel underplated)
Washer
VMQ (Silicone rubber)
Electrical data
Impedance
50
Inte ace frequency
26.5 GHz
hubersuhner.com


Similar Part No. - 32_SMA-50-0-100111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
32_SMA-50-0-1111_N HUBERSUHNER-32_SMA-50-0-1111_N Datasheet
798Kb / 2P
   Within Series Adaptor
More results

Similar Description - 32_SMA-50-0-100111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
32_BNC-50-0-1133_N HUBERSUHNER-32_BNC-50-0-1133_N Datasheet
480Kb / 2P
   COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_BNC-SMA-50-11--_U HUBERSUHNER-32_BNC-SMA-50-11--_U Datasheet
1Mb / 2P
   COAXIAL ADAPTER, BNC - SMA, 50 Ohm, plug / plug (male / male)
32_MCX-SMA-50-1111_N HUBERSUHNER-32_MCX-SMA-50-1111_N Datasheet
1Mb / 2P
   COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / plug (male / male)
32_N-SMA-50-111-_N HUBERSUHNER-32_N-SMA-50-111-_N Datasheet
479Kb / 2P
   COAXIAL ADAPTER, N - SMA, 50 Ohm, plug / plug (male / male)
32_SMA-50-0-52199_N HUBERSUHNER-32_SMA-50-0-52199_N Datasheet
476Kb / 2P
   COAXIAL ADAPTER, SMA - TNC, 50 Ohm, plug / plug (male / male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
32_N-SMA-50-511--_U HUBERSUHNER-32_N-SMA-50-511--_U Datasheet
1Mb / 2P
   COAXIAL ADAPTER, N-precision - SMA, 50 Ohm, plug / plug (male / male)
35_BMA-SMA-50-1193_U HUBERSUHNER-35_BMA-SMA-50-1193_U Datasheet
495Kb / 2P
   COAXIAL ADAPTER, BMA - SMA, 50 Ohm, Bulkhead, plug / plug (male / male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com