Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR0140S3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBR0140S3
Description  Super barrier rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBR0140S3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBR0140S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBR0140S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBR0140S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
_
_
SBR0140S3
SBR0140S5
Using state-of-the-art SBR IC process technology,
the following features are made possible in a single device:
Major ratings and characteristics
Characteristics
Values
Units
IF(AV)
0.10
Rectangular Waveform
A
VRRM
40
V
VF@0.1A, TJ
oC
0.43
=75
V, typ
TJ
-65 to 125
(operating/storage)
oC
ELECTRICAL:
MECHANICAL:
* Low Forward Voltage Drop
* Molded Plastic SOD-323, SOD-523 packages
* Low Reverse Leakage
* Reliable High Temperature Operation
* Super Barrier Design
* Softest, fast switching capability
* 125
oC Operating Junction Temperature
SBR0140S3
SBR0140S5
SOD-323
SOD-523
_________________________________________________________________________________________________
www.apdsemi.com
Version 2.0 - April 2006
1
All Dimensions in mm
0.70 (typ)
F
0.30 (typ)
E
0.35 (typ)
D
0.85
0.70
C
1.0
0.8
B
1.80
1.60
A
Max
Min
Di
SOD-523
All Dimensions in mm
0.40
0.20
H
0.10
-
G
1.05
0.85
F
0.18
0.10
E
1.45
1.15
D
0.40
0.25
C
1.80
1.60
B
2.70
2.30
A
Max
Min
Di
SOD-323
AB
C
D
Cathode Mark
E
F
G
H
A
B
F
E
C
D


Similar Part No. - SBR0140S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR0120S3 ETC-SBR0120S3 Datasheet
74Kb / 3P
   Super barrier rectifier
SBR0120S5 ETC-SBR0120S5 Datasheet
74Kb / 3P
   Super barrier rectifier
SBR0130S3 ETC-SBR0130S3 Datasheet
74Kb / 3P
   Super barrier rectifier
SBR0130S5 ETC-SBR0130S5 Datasheet
74Kb / 3P
   Super barrier rectifier
More results

Similar Description - SBR0140S3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com