Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42BDS640AG Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM42BDS640AG
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42BDS640AG Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM42BDS640AG Datasheet HTML 60Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 61Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 62Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 63Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 64Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 65Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 66Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 67Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
November 1, 2002
Am42BDS640AG
63
P R E L I M INARY
SRAM AC CHARACTERISTICS
Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 34.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
D8, D9
(54 MHz)
C8, C9
(40 MHz)
Unit
t
RC
Read Cycle Time
Min
70
85
ns
t
AA
Address Access Time
Max
70
85
ns
t
CO1, tCO2
Chip Enable to Output
Max
70
85
ns
t
OE
Output Enable Access Time
Max
35
40
ns
t
BA
LB#s, UB#s to Access Time
Max
70
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z Output
Min
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
10
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip Disable to High-Z Output
Max
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
Max
25
ns
t
OHZ
Output Disable to High-Z Output
Max
25
ns
t
OH
Output Data Hold from Address Change
Min
10
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH


Similar Part No. - AM42BDS640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC8IS SPANSION-AM42BDS640AGBC8IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC8IT SPANSION-AM42BDS640AGBC8IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC9IS SPANSION-AM42BDS640AGBC9IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC9IT SPANSION-AM42BDS640AGBC9IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

Similar Description - AM42BDS640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com