Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42BDS640AG Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM42BDS640AG
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42BDS640AG Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM42BDS640AG Datasheet HTML 27Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 28Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 29Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 30Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 31Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 32Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 33Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 34Page - Advanced Micro Devices AM42BDS640AG Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
30
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Command Definitions
Table 14.
Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the rising edge of the AVD# pulse.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# pulse.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A21–A14 uniquely select any sector.
BA = Address of the bank (A21, A20) that is being switched to
autoselect mode, is in bypass mode, or is being erased.
SLA = Address of the sector to be locked. Set sector address (SA) and
either A6 = 1 for unlocked or A6 = 0 for locked.
CR = Configuration Register address bits A19–A12.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
Data bits DQ15–DQ8 are don’t care in command sequences,
except for RD and PD.
5.
Unless otherwise noted, address bits A21–A12 are don’t cares.
6.
No unlock or command cycles required when bank is reading
array data.
7.
The Reset command is required to return to reading array data
(or to the erase-suspend-read mode if previously in Erase
Suspend) when a bank is in the autoselect mode, or if DQ5 goes
high (while the bank is providing status information) or performing
sector lock/unlock.
8.
The fourth cycle of the autoselect command sequence is a read
cycle. The system must provide the bank address. See the
Autoselect Command Sequence section for more information.
9.
The data in the fifth cycle is 2204h for top boot, 2224h for bottom
boot.
10. The data is 0000h for an unlocked sector and 0001h for a locked
sector
11. The data is 0043h for reduced wait-state handshaking and 0042h
standard handshaking.
12. The Unlock Bypass command sequence is required prior to this
command sequence.
13. The Unlock Bypass Reset command is required to return to
reading array data when the bank is in the unlock bypass mode.
14. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation, and requires the bank address.
15. The Erase Resume command is valid only during the Erase
Suspend mode, and requires the bank address.
16. See “Set Burst Mode Configuration Register Command
Sequence” for details.
17. Command is valid when device is ready to read array data or
when device is in autoselect mode.
Command Sequence
(Notes)
Bus Cycles (Notes 1–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data
Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Asynchronous Read (6)
1
RA
RD
Reset (7)
1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
(BA)555
90
(BA)X00
0001
Device ID (9)
6
555
AA
2AA
55
(BA)555
90
(BA)X01
227E
(BA)
X0E
(Note 9)
(BA)
X0F
2201
Sector Lock Verify (10)
4
555
AA
2AA
55
(SA)555
90
(SA)X02
0000/0001
Handshaking Option (11)
4
555
AA
2AA
55
(BA)555
90
(BA)X03
0042/0043
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program (12)
2
XXX
A0
PA
PD
Unlock Bypass Sector Erase (12)
2
XXX
80
SA
30
Unlock Bypass Chip Erase (12)
2
XXX
80
XXX
10
Unlock Bypass Reset (13)
2
BA
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (14)
1
BA
B0
Erase Resume (15)
1
BA
30
Sector Lock/Unlock
3
XXX
60
XXX
60
SLA
60
Set Burst Mode
Configuration Register (16)
3
555
AA
2AA
55
(CR)555
C0
CFI Query (17)
1
55
98


Similar Part No. - AM42BDS640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC8IS SPANSION-AM42BDS640AGBC8IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC8IT SPANSION-AM42BDS640AGBC8IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC9IS SPANSION-AM42BDS640AGBC9IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42BDS640AGBC9IT SPANSION-AM42BDS640AGBC9IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

Similar Description - AM42BDS640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com