Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501A-50T5LA Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1501A-50T5LA
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501A-50T5LA Datasheet(HTML) 5 Page - Anachip Corp

  AP1501A-50T5LA Datasheet HTML 1Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 2Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 3Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 4Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 5Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 6Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 7Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 8Page - Anachip Corp AP1501A-50T5LA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug 23, 2005
5/12
Typical Performance Characteristics
Typical Performance Characteristics
Normalized Output Voltage
4.90
4.95
5.00
5.05
5.10
-50
-25
0
25
50
75
100
125
V
IN =20V, I LOAD=3A
Normalized at T
J=25
oC
JUNCTION TEMPERATURE( oC)
JUNCTION TEMPERATURE( oC)
Switch Current Limit
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE( oC)
Operating Quiescent Current
Input Voltage
Efficiency
100
65
70
75
80
85
90
95
810
15
20
25
30
35
40
5V
3.3V
5A Load
1.2
1.3
1.4
1.5
1.6
1.7
2.0
3
45
SWITCH CURRENT(A)
1
2
3
1 : -40 oC
2 : 25 oC
3 : 125 oC
Switch Saturation Voltage
5.5
6.0
6.5
7.0
7.5
-50
-25
0
25
50
75
100 125
V
IN=12V, VOUT=5V
SUPPLY VOLOTAGE (V)
0.0
40.0
80.0
120.0
160.0
200.0
Shutdown Quiescent Current
10
20
30
40
V
ON/OFF=5V
1 : -40 oC
2 : 25 oC
3 : 125 oC
1
3
2
Switch ON
Switch OFF


Similar Part No. - AP1501A-50T5LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-50T5LA ANACHIP-AP1501A-50T5LA Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-50T5LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com