Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10U100CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR10U100CT
Description  10A SBR Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10U100CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR10U100CT Datasheet HTML 1Page - Diodes Incorporated SBR10U100CT Datasheet HTML 2Page - Diodes Incorporated SBR10U100CT Datasheet HTML 3Page - Diodes Incorporated SBR10U100CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR10U100CT
SBR10U100CTFP
SBR10U100CTB
10A SBR
®
Super Barrier Rectifier
Features
Mechanical Data
Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Matte Tin Finish annealed over
Copper leadframe. Solderable per MIL-STD-202,
Method 208
Marking: See Page 4
Ordering Information: See Page 4
Low Forward Voltage Drop
Excellent High Temperature Stability
Super Barrier Design
Soft, Fast Switching Capability
Molded Plastic TO-220AB, D
2Pak,
and ITO-220AB packages
Lead Free Finish, RoHS Compliant (Note 2)
Maximum Ratings @ TA = 25ºC unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Average Rectified Output Current @ TC = 140ºC
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
150
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
3
A
Maximum Thermal Resistance (per leg)
Package = TO-220AB & D
2
Pak
Package = ITO-220AB
RӨJC
2
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics @ TA = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
100
-
-
V
IR = 0.2 mA
Forward Voltage Drop
VF
-
-
0.53
-
0.67
0.56
0.82
V
IF = 5A, TJ = 25ºC
IF = 5A,TJ = 125ºC
IF = 10A,TJ = 25ºC
Leakage Current (Note 1)
IR
-
-
0.2
25
mA
VR = 100V, TJ = 25 ºC
VR = 100V, TJ = 125 ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
__________
SBR is a registered trademark of Diodes Incorporated.
SBR10U100 Rev. 2
1 of 4
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR10U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U100CT DIODES-SBR10U100CT Datasheet
172Kb / 5P
   SUPER BARRIER RECTIFIER
SBR10U100CT DIODES-SBR10U100CT Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U100CT-G DIODES-SBR10U100CT-G Datasheet
172Kb / 5P
   SUPER BARRIER RECTIFIER
SBR10U100CT-G DIODES-SBR10U100CT-G Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR10100CTL DIODES-SBR10100CTL_18 Datasheet
421Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10E45P5 DIODES-SBR10E45P5 Datasheet
564Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR1040CT DIODES-SBR1040CT Datasheet
171Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1040 Rev. 2
SBR1060CT DIODES-SBR1060CT Datasheet
139Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1060 Rev. 2
SBR10B45P5 DIODES-SBR10B45P5 Datasheet
603Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
SBR10U40CT DIODES-SBR10U40CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U40 Rev. 2
SBR10U45D1Q DIODES-SBR10U45D1Q Datasheet
699Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER
January 2022
SBR10U60CT DIODES-SBR10U60CT Datasheet
179Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U60 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com