Electronic Components Datasheet Search |
|
AM42DL1624DT70IT Datasheet(PDF) 10 Page - Advanced Micro Devices |
|
AM42DL1624DT70IT Datasheet(HTML) 10 Page - Advanced Micro Devices |
10 / 61 page January 9, 2002 Am42DL16x4D 9 P R E L IMINARY ORDERING INFORMATION The order number (Valid Combination) is formed by the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Am42DL16x 4 D T 70 I T TAPE AND REEL T = 7 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) FLASH SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T= Top Sector B = Bottom Sector FLASH PROCESS TECHNOLOGY D= CS49S SRAM DEVICE DENSITY 4= 4 Mbits AMD DEVICE NUMBER/DESCRIPTION Am42DL16x4D Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Valid Combinations Order Number Package Marking Am42DL1614DT70I Am42DL1614DB70I T M42000001A M420000001B Am42DL1614DT85I Am42DL1614DB85I M42000001C M42000001D Am42DL1624DT70I Am42DL1624DB70I M42000001E M42000001F Am42DL1624DT85I Am42DL1624DB85I M42000001G M42000001H Am42DL1634DT70I Am42DL1634DB70I M42000001I M420000001J Am42DL1634DT85I Am42DL1634DB85I M42000001K M42000001L Am42DL1644DT70I Am42DL1644DB70I M42000001M M42000001N Am42DL1644DT85I Am42DL1644DB85I M420000001O M420000001P |
Similar Part No. - AM42DL1624DT70IT |
|
Similar Description - AM42DL1624DT70IT |