Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-12T5R Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1501-12T5R
Description  150Khz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501-12T5R Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1501-12T5R Datasheet HTML 3Page - Anachip Corp AP1501-12T5R Datasheet HTML 4Page - Anachip Corp AP1501-12T5R Datasheet HTML 5Page - Anachip Corp AP1501-12T5R Datasheet HTML 6Page - Anachip Corp AP1501-12T5R Datasheet HTML 7Page - Anachip Corp AP1501-12T5R Datasheet HTML 8Page - Anachip Corp AP1501-12T5R Datasheet HTML 9Page - Anachip Corp AP1501-12T5R Datasheet HTML 10Page - Anachip Corp AP1501-12T5R Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug. 23, 2005
7/12
Typical Application Circuit
(1) Fixed Type Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky
Diode
Vin
Gnd
Output
AP1501
-33
Co
Capacitor
Inductor
L1
33uH
3.3V/3A
Output Load
(2) Adjustable Type Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1501
Co
Capacitor
L1
47uH
5V/ 3A
Output Load
R2
R1
Vout = VFB× (1 +
R2
R1
)
VFB = 1.23V
R2 = 1K ~ 3K
(3) Delay Start Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1501
Co
Capacitor
L1
47uH
5V/ 3A
Output Load
R2
R1
C
DELAY
0.1uF
10K
R
DELAY
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501


Similar Part No. - AP1501-12T5R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-12T5R ANACHIP-AP1501-12T5R Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
AP1501-12T5RA ANACHIP-AP1501-12T5RA Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-12T5RG-13 DIODES-AP1501-12T5RG-13 Datasheet
410Kb / 13P
   150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
AP1501-12T5RG13 DIODES-AP1501-12T5RG13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501-12T5RGU DIODES-AP1501-12T5RGU Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1501-12T5R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com