Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1506 Datasheet(PDF) 12 Page - Anachip Corp

Part # AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1506 Datasheet(HTML) 12 Page - Anachip Corp

Back Button AP1506_1 Datasheet HTML 5Page - Anachip Corp AP1506_1 Datasheet HTML 6Page - Anachip Corp AP1506_1 Datasheet HTML 7Page - Anachip Corp AP1506_1 Datasheet HTML 8Page - Anachip Corp AP1506_1 Datasheet HTML 9Page - Anachip Corp AP1506_1 Datasheet HTML 10Page - Anachip Corp AP1506_1 Datasheet HTML 11Page - Anachip Corp AP1506_1 Datasheet HTML 12Page - Anachip Corp AP1506_1 Datasheet HTML 13Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Oct 24, 2005
12/13
Package Information(Continued)
(3) Package Type: TO220-5L(R) Mechanical drawing
E
Q
D
b
A
F
H1
d1
d2
J3
J1
J2
e
H2
H3
A
J1
J2
J3
E
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.4
4.6
4.7
0.175
0.180
0.185
b
0.7
0.8
0.9
0.027
0.032
0.037
D
8.4
8.7
8.9
0.330
0.340
0.350
d1
1.0
0.039
d2
6.3
0.248
E
9.91
10.16
10.41
0.390
0.400
0.410
e
1.6
1.7
1.8
0.062
0.067
0.072
F
1.2
1.25
1.3
0.048
0.050
0.052
H1
6.4
0.250
H2
20.8
21.6
22.4
0.820
0.850
0.880
H3
23.9
24.7
25.5
0.942
0.972
1.002
J1
2.7
0.105
J2
3.7
4.5
5.3
0.147
0.177
0.207
J3
8.4
0.331
Q
2.5
2.8
3.0
0.100
0.110
0.120
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1506


Similar Part No. - AP1506_1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5A ANACHIP-AP1506-12K5A Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5L ANACHIP-AP1506-12K5L Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506-12K5L-13 DIODES-AP1506-12K5L-13 Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
AP1506-12K5L-U DIODES-AP1506-12K5L-U Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
More results

Similar Description - AP1506_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com