Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AP1506 Datasheet(PDF) 4 Page - Anachip Corp

Part No. AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANACHIP [Anachip Corp]
Homepage  
Logo 

AP1506 Datasheet(HTML) 4 Page - Anachip Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Oct 24, 2005
4/13
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
VOUT programmed for
3V
1.23
1.193/
1.18
1.267/
1.28
V
VMIN
VMAX
AP1506-ADJ
η
Efficiency
VIN = 12V, ILOAD=3A
74
%
OUT
V
Output voltage
5.5V < VIN < 22V
0.2A < ILOAD < 3A
3.3
3.168/
3.135
3.432/
3.465
V
VMIN
VMAX
AP1506-3.3V
η
Efficiency
VIN = 12V, ILOAD=3A
75
%
OUT
V
Output voltage
8V < VIN < 22V
0.2A < ILOAD < 3A
5
4.8/
4.75
5.2/
5.25
V
VMIN
VMAX
AP1506-5V
η
Efficiency
VIN = 12V, ILOAD=3A
80
%
OUT
V
Output voltage
15V < VIN < 22V
0.2A < ILOAD < 3A
12
11.52/
11.4
12.48/
12.6
V
VMIN
VMAX
AP1506-12V
η
Efficiency
VIN = 16V, ILOAD = 3A
89
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1506


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P1596150KHZ 1.5A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AP1506150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1507150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1509150KHz 2A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1501_1150Khz 3A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp
AP1501A_1150Khz 5A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AP3001150kHz 3A PWM BUCK DC-DC CONVERTER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP3003150kHz 3A BUCK DC-DC CONVERTER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AAT1151_07850kHz 700mA Synchronous Buck DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn