Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42DL640AG Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM42DL640AG
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42DL640AG Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM42DL640AG Datasheet HTML 15Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 16Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 17Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 18Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 19Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 20Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 21Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 22Page - Advanced Micro Devices AM42DL640AG Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
18
Am42DL640AG
October 22, 2002
PR E L I M I N A R Y
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table
6).
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both pro-
gram and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
Table 6.
Am29DL640G Boot Sector/Sector Block
Addresses for Protection/Unprotection
Sector protection and unprotection requires V
ID on the
RESET# pin only, and can be implemented either
in-system or via programming equipment. Figure 2
shows the algorithms and Figure 27 shows the timing
diagram. This method uses standard microprocessor
bus cycle timing. For sector unprotect, all unprotected
sectors must first be protected prior to the first sector
unprotect write cycle. Note that the sector unprotect
algorithm unprotects all sectors in parallel. All previ-
ously protected sectors must be individually re-pro-
tected. To change data in protected sectors efficiently,
the temporary sector unprotect function is available.
See “Temporary Sector Unprotect”.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See the Sector/Sector Block
Protection and Unprotection section for details.
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting without using V
ID. This function is
one of two provided by the WP#/ACC pin.
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in sectors
0, 1, 140, and 141, independently of whether those
sectors were protected or unprotected using the
Sector
A21–A12
Sector/
Sector Block Size
SA0
0000000000
8 Kbytes
SA1
0000000001
8 Kbytes
SA2
0000000010
8 Kbytes
SA3
0000000011
8 Kbytes
SA4
0000000100
8 Kbytes
SA5
0000000101
8 Kbytes
SA6
0000000110
8 Kbytes
SA7
0000000111
8 Kbytes
SA8–SA10
0000001XXX,
0000010XXX,
0000011XXX,
192 (3x64) Kbytes
SA11–SA14
00001XXXXX
256 (4x64) Kbytes
SA15–SA18
00010XXXXX
256 (4x64) Kbytes
SA19–SA22
00011XXXXX
256 (4x64) Kbytes
SA23–SA26
00100XXXXX
256 (4x64) Kbytes
SA27-SA30
00101XXXXX
256 (4x64) Kbytes
SA31-SA34
00110XXXXX
256 (4x64) Kbytes
SA35-SA38
00111XXXXX
256 (4x64) Kbytes
SA39-SA42
01000XXXXX
256 (4x64) Kbytes
SA43-SA46
01001XXXXX
256 (4x64) Kbytes
SA47-SA50
01010XXXXX
256 (4x64) Kbytes
SA51-SA54
01011XXXXX
256 (4x64) Kbytes
SA55–SA58
01100XXXXX
256 (4x64) Kbytes
SA59–SA62
01101XXXXX
256 (4x64) Kbytes
SA63–SA66
01110XXXXX
256 (4x64) Kbytes
SA67–SA70
01111XXXXX
256 (4x64) Kbytes
SA71–SA74
10000XXXXX
256 (4x64) Kbytes
SA75–SA78
10001XXXXX
256 (4x64) Kbytes
SA79–SA82
10010XXXXX
256 (4x64) Kbytes
SA83–SA86
10011XXXXX
256 (4x64) Kbytes
SA87–SA90
10100XXXXX
256 (4x64) Kbytes
SA91–SA94
10101XXXXX
256 (4x64) Kbytes
SA95–SA98
10110XXXXX
256 (4x64) Kbytes
SA99–SA102
10111XXXXX
256 (4x64) Kbytes
SA103–SA106
11000XXXXX
256 (4x64) Kbytes
SA107–SA110
11001XXXXX
256 (4x64) Kbytes
SA111–SA114
11010XXXXX
256 (4x64) Kbytes
SA115–SA118
11011XXXXX
256 (4x64) Kbytes
SA119–SA122
11100XXXXX
256 (4x64) Kbytes
SA123–SA126
11101XXXXX
256 (4x64) Kbytes
SA127–SA130
11110XXXXX
256 (4x64) Kbytes
SA131–SA133
1111100XXX,
1111101XXX,
1111110XXX
192 (3x64) Kbytes
SA134
1111111000
8 Kbytes
SA135
1111111001
8 Kbytes
SA136
1111111010
8 Kbytes
SA137
1111111011
8 Kbytes
SA138
1111111100
8 Kbytes
SA139
1111111101
8 Kbytes
SA140
1111111101
8 Kbytes
SA141
1111111111
8 Kbytes
Sector
A21–A12
Sector/
Sector Block Size


Similar Part No. - AM42DL640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42DL640AG SPANSION-AM42DL640AG Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
AM42DL640AG70IT SPANSION-AM42DL640AG70IT Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
AM42DL640AG71IT SPANSION-AM42DL640AG71IT Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
AM42DL640AG85IT SPANSION-AM42DL640AG85IT Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
More results

Similar Description - AM42DL640AG

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
Advanced Micro Devices
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com