Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ5221BW Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. MMBZ5221BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5221BW Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ5221BW_1 Datasheet HTML 1Page - Diodes Incorporated MMBZ5221BW_1 Datasheet HTML 2Page - Diodes Incorporated MMBZ5221BW_1 Datasheet HTML 3Page - Diodes Incorporated MMBZ5221BW_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS31037 Rev. 10 - 2
3 of 4
MMBZ5221BW - MMBZ5259BW
www.diodes.com
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Dissipation vs Ambient Temperature
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 2 Total Capacitance vs Nominal Zener Voltage
T = 25 °C
j
f = 1MHz
V = 1V
R
V = 2V
R
1
10
100
1
10
100
PULSE WIDTH (ms)
Fig. 4 Maximum Non-repetitive Surge Power
1000
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V , ZENER VOLTAGE (V)
Z
Fig. 5 Zener Breakdown Characteristics
T = 25°C
j
5V6
6V8
8V2
Test Current I
Z
20mA
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 6 Zener Breakdown Characteristics
10
20
30
40
T = 25°C
j
Test current I
Z
Nominal Zener Voltage
10
12
18
22
27
33
36
15
39
1
10
100
1000
1
10
100
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 3 Zener Voltage vs. Zener Impedence
I = 1.0mA
Z


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4W_1200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
AZ23C5V6W_1200mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
QZX363C5V6_1QUAD SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated
BZX84C2V4T_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
DDZ5V1BSSURFACE MOUNT PRECISION ZENER DIODE 1 2 3 4 5 MoreDiodes Incorporated
BZT52C2V0S_1SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZT52C43_1SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
DDZX5V1BTS_1TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY 1 2 3 4 5 MoreDiodes Incorporated
BZX84C43_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn