Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB480K Datasheet(PDF) 3 Page - Rohm

Part # RB480K
Description  Shottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB480K Datasheet(HTML) 3 Page - Rohm

  RB480K Datasheet HTML 1Page - Rohm RB480K Datasheet HTML 2Page - Rohm RB480K Datasheet HTML 3Page - Rohm RB480K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RB480K
Diodes
Rev.B
3/3
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
Sin(θ=180)
D=1/2
DC
Per chip
0
0.05
0.1
0.15
0.2
0.25
0.3
0
255075
100
125
Sin(θ=180)
D=1/2
DC
Per chip
T
Tj=125℃
D=t/T
t
VR
Io
VR=20V
0A
0V
T Tj=125℃
D=t/T
t
VR
Io
VR=20V
0A
0V


Similar Part No. - RB480K

ManufacturerPart #DatasheetDescription
logo
Rohm
RB480K ROHM-RB480K Datasheet
59Kb / 2P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
192Kb / 4P
   Shottky barrier diode
logo
Micro Commercial Compon...
RB480K MCC-RB480K Datasheet
667Kb / 7P
   40 Volts Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
RB480K HTSEMI-RB480K Datasheet
1Mb / 2P
   SCHOTTLKY BARRIER DIODE
logo
Rohm
RB480K ROHM-RB480K Datasheet
512Kb / 5P
   Schottky Barrier Diode
More results

Similar Description - RB480K

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
   Shottky Barrier Diode
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
   Shottky barrier diode
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
   Shottky barrier diode
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
   Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
   Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
   Shottky Barrier Diode
logo
Rohm
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
   Shottky barrier diode
RB491D ROHM-RB491D_15 Datasheet
336Kb / 7P
   Shottky barrier diode
logo
Fuji Electric
ERA82-004 FUJI-ERA82-004 Datasheet
74Kb / 4P
   SHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com