Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RB441Q-40 Datasheet(PDF) 1 Page - Rohm

Part No. RB441Q-40
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB441Q-40 Datasheet(HTML) 1 Page - Rohm

  RB441Q-40_1 Datasheet HTML 1Page - Rohm RB441Q-40_1 Datasheet HTML 2Page - Rohm RB441Q-40_1 Datasheet HTML 3Page - Rohm RB441Q-40_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB441Q-40
Diodes
Rev.C
1/3
Schottky barrier diode
RB441Q-40
Applications
Low current rectification
Features
1) Glass sealed envelope. (MSD)
2) Low VF, Low IR
3) High reliability
Construction
Silicon epitaxial planar
External dimensions (Unit : mm)
JEDEC : DO-34
ROHM : MSD
29±1
29±1
2.7±0.3
φ0.4±0.1
φ1.8±0.2
CATHODE BAND (BLACK)
TYPE NO. (BLACK)
S
3
-
Taping specifications
A
H2
E
B
C
L2
L1
F
D
H1
BLUE
BROWN
T-72
52.4±1.5
T-72
5.0±0.5
T-77
5.0±0.3
T-72
T-77
T-72
T-77
T-72
1/2A±1.2
T-77
1/2A±0.4
T-72
0.7 max.
T-77
0.2 max.
T-72
T-77
T-72
T-77
T-72
1.5 max.
T-77
0.4 max.
*H1(6mm):BROWN
Symbol
Standard dimension
value(mm)
B
C
D
1.0 max.
0
|L1-L2|
H1
6.0±0.5
H2
5.0±0.5
E
T-77
26.0
+0.4
0
Absolute maximum ratings (Ta = 25
°C)
Symbol
Unit
VRM
V
VR
V
Io
mA
IFSM
A
Tj
Tstg
Storage temperature
-40 to +125
Forward current surge peak (60Hz
・1cyc)
1
Junction temperature
125
Reverse voltage (DC)
40
Average rectified forward current
100
Parameter
Limits
Reverse voltage (repetitive peak)
40
Electrical characteristics (Ta = 25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF1
-
-
0.34
V
IF=10mA
VF2
-
-
0.55
V
IF=100mA
IR
-
-
100
µA
VR=40V
Ct
-
6.0
-
pF
VR=10V , f=1MHz
Conditions
Parameter
Forward current
Reverse current
Capacitance between terminals


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PA847C04 Schottky barrier diode 1  2  3  Fuji Electric
SD103AW SCHOTTKY BARRIER SWITCHING DIODE 1  2  3  Unisonic Technologies
BAS70W_1 SURFACE MOUNT SCHOTTKY BARRIER DIODE 1  2  3  Diodes Incorporated
BAS70TW_1 SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS 1  2  3  Diodes Incorporated
SDMP0340LT_1 SURFACE MOUNT SCHOTTKY BARRIER DIODE 1  2  3  Diodes Incorporated
HSD88 Silicon Schottky Barrier Diode for Detector Mixer 1  2  3  4  5  Renesas Technology Corp
BAS40W_1 SURFACE MOUNT SCHOTTKY BARRIER DIODE 1  2  3  Diodes Incorporated
SDM20E40C_1 DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE 1  2  3  Diodes Incorporated
NSR0130P2T5G Schottky Barrier Diode 1  2  3  ON Semiconductor
RB520S30 SCHOTTKY BARRIER DIODE 1  2  3  Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn