Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB160M-90 Datasheet(PDF) 3 Page - Rohm

Part # RB160M-90
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB160M-90 Datasheet(HTML) 3 Page - Rohm

  RB160M-90 Datasheet HTML 1Page - Rohm RB160M-90 Datasheet HTML 2Page - Rohm RB160M-90 Datasheet HTML 3Page - Rohm RB160M-90 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RB160M-90
Diodes
Rev.B
3/3
REVERSE VOLTAGE:VR(V)
VR-P
R CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
DC
D=1/2
Sin(θ=180)
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
0
0.2
0.4
0.6
0.8
1
0
1020
30
4050
607080
90
Sin(θ=180)
D=1/2
DC
T
Tj=150℃
D=t/T
t
VR
Io
VR=45V
0A
0V
T
Tj=150℃
D=t/T
t
VR
Io
VR=45V
0A
0V
0
5
10
15
20
25
30
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:1.70kV
AVE:10.7kV
ESD DISPERSION MAP


Similar Part No. - RB160M-90

ManufacturerPart #DatasheetDescription
logo
Rohm
RB160M-90 ROHM-RB160M-90 Datasheet
217Kb / 4P
   Schottky barrier diode
RB160M-90 ROHM-RB160M-90 Datasheet
157Kb / 4P
   Schottky barrier diode
RB160M-90 ROHM-RB160M-90 Datasheet
976Kb / 4P
   Schottky Barrier Diode
logo
SUNMATE electronic Co.,...
RB160M-90 SUNMATE-RB160M-90 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Rohm
RB160M-90 ROHM-RB160M-90 Datasheet
342Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB160M-90

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com