Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F400BB-90EI0 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F400BB-90EI0
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-90EI0 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F400BB-90EI0 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 11Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 12Page - Advanced Micro Devices AM29F400BB-90EI0 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
November 1, 2006 21505E5
Am29F400B
7
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F400B
T
-45
E
C
OPTIONAL PROCESSING
Blank =
Standard Processing
0=
VCC = 5.0 V ± 10%, 55 ns device only
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-Free Package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-Free Package
E
=
Extended (–55
°C to +125°C)
K
=
Extended (–55
°C to +125°C) with Pb-free Package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
S
=
44-Pin Small Outline Package (SO 044)
This device is also available in Known Good Die (KGD) form. See publication number
21258 for more information.
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29F400B
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory
5.0 Volt-only Read, Program and Erase
Valid Combinations
Voltage
Range
AM29F400BT-45,
AM29F400BB-45,
EC, ED, EI, EF,
SC, SD, SI, SF
5.0 V ± 5%
AM29F400BT-50,
AM29F400BB-50
EC, ED, EI, EF, EE, EK
SC, SD, SI, SF, SE, SK
AM29F400BT-55,
AM29F400BB-55
AM29F400BT-55,
AM29F400BB-55
EC0, ED0, EI0,
EF0, EE0, EK0,
SC0, SD0, SI0,
SF0, SE0, SK0
5.0 V ± 10%
AM29F400BT-70,
AM29F400BB-70
EC, ED, EI,
EF, EE, EK
SC, SD, SI,
SF, SE, SK
AM29F400BT-90,
AM29F400BB-90
AM29F400BT-120,
AM29F400BB-120


Similar Part No. - AM29F400BB-90EI0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400BB-90EI AMD-AM29F400BB-90EI Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400BB-90EIB AMD-AM29F400BB-90EIB Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F400BB-90EI0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com