Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3Z284C24-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PD3Z284C24-7
Description  0.5W SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3Z284C24-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  PD3Z284C24-7 Datasheet HTML 1Page - Diodes Incorporated PD3Z284C24-7 Datasheet HTML 2Page - Diodes Incorporated PD3Z284C24-7 Datasheet HTML 3Page - Diodes Incorporated PD3Z284C24-7 Datasheet HTML 4Page - Diodes Incorporated PD3Z284C24-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30702 Rev. 8 - 2
4 of 5
PD3Z284C2V4 - PD3Z284C39
www.diodes.com
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
PowerDIä323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
¾
¾
1.40
L3
¾
¾
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
Package Outline Dimensions
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Date Code Key
XX = Product Type Marking Code (See Table 2)
YM = Date Code Marking
Y = Year (ex. T = 2006)
M = Month (ex. 9 = September)
XX
Marking Information
Notes:
5. *Add “-7” to the appropriate type number in Table 1 above example: 6.2V Zener = PD3Z284C6V2-7.
6. For Packaging Details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
(Type Number)-7*
PowerDI
ä323
3000/Tape & Reel
Ordering Information
Table 3
(Note 5 & 6)


Similar Part No. - PD3Z284C24-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C24 DIODES-PD3Z284C24 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
More results

Similar Description - PD3Z284C24-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4_08 Datasheet
165Kb / 4P
   0.5W SURFACE MOUNT ZENER DIODE
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ10ASF-7 DIODES-DDZ10ASF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ9692TQ DIODES-DDZ9692TQ Datasheet
400Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ12CSF-7 DIODES-DDZ12CSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF_15 Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com