Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC144TU-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC144TU-7
Description  DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC144TU-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC144TU-7 Datasheet HTML 1Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 2Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 3Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 4Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 5Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DDC144TU
DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
General Description
DDC144TU is best suited for logic switching applications
using control circuits like micro-controllers, comparators,
etc. It features two discrete NPN transistors which can
support maximum continuous current of 100 mA. NPN
transistors can be used as a control and also these can
be biased using higher supply voltages due to the built in
current limiting base resistor of 47 K Ohm. The
component devices can be used as a part of a circuit or
as a stand alone discrete device.
Features
Built in Base Resistors
Epitaxial Planar Die Construction
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. "Green Molding"
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: See Fig. 2
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 5
Ordering Information: See Page 5
Weight: 0.015 grams (approximate)
Fig. 1: SOT-363
R1 47k
EQ1
EQ2
BQ2
CQ2
BQ1
CQ1
Q1
DDC144T_DIE
Q2
R2
47k
DDC144T_DIE
Fig. 2: Schematic and Pin Configuration
Sub-Component P/N
Reference
Device Type
R1 (NOM)
R2 (NOM)
Figure
DDTC144T_DIE
Q1
NPN
47K
Ω
2
DDTC144T_DIE
Q2
NPN
47K
Ω
2
Maximum Ratings: Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
200
mW
Power Deration above 25
°C
Pder
1.6
mW /
°C
Output Current
Iout
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Junction Operation and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Resistance, junction to ambient (packaged device)
(Ref: equivalent to only one heated junction) @ TA = 25°C
RθJA
625
°C/W
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http:/www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1" x 0.85" x 0.062"; pad layout as shown on Page 5 or see Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http:/www.diodes.com/datasheets/ap02001.pdf.
DS30767 Rev. 6 - 2
1 of 6
www.diodes.com
DDC144TU
© Diodes Incorporated


Similar Part No. - DDC144TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC144TH DIODES-DDC144TH Datasheet
266Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
DDC144TH-7-F DIODES-DDC144TH-7-F Datasheet
266Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
More results

Similar Description - DDC144TU-7

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
logo
NXP Semiconductors
PEMH10_PUMH10 PHILIPS-PEMH10_PUMH10_15 Datasheet
629Kb / 15P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k?? R2 = 47k?
Rev. 3-20 December 2011
logo
ON Semiconductor
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5214DW1 ONSEMI-MUN5214DW1 Datasheet
88Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2014 ??Rev. 2
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com