Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC123JLP-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC123JLP-7-F
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC123JLP-7-F Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DDTCxxxxLP (R1
≠R2 Series)
PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Features
Epitaxial Planar Die Construction
Ultra-Small Leadless Surface Mount Package
Ideally Suited for Automated Assembly Processes
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: DFN1006-3
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: Collector Dot (See Diagram)
Terminals: Finish
⎯ NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Marking Information: See Page 6
Ordering Information: See Page 6
Weight: 0.001 grams (approximate)
C
1
2
3
R
1
R
2
E
B
2
1
3
Fig. 1
1
B
C
E
2
3
IN
R
1
R
2
OUT
GND
IN
B
1
2
3
C
E
GND
OUT
Equivalent Inverter Circuit
Schematic and Pin Configuration
Fig. 2
Component P/N
R1(NOM)
R2(NOM)
Figure
DDTC123JLP
2.2K
47K
2
DDTC143ZLP
4.7K
47K
2
DDTC114YLP
10K
47K
2
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
P/N
Symbol
Value
Unit
Supply Voltage
VCC
50
V
DDTC123JLP
-5 to +12
DDTC143ZLP
-5 to +30
Input Voltage
DDTC114YLP
VIN
-5 to +40
V
DDTC123JLP
100
DDTC143ZLP
100
Output Voltage
DDTC114YLP
IO
70
mA
Power Dissipation (Note 3)
PD
250
mW
Power Deration above 25
°C
Pder
2
mW/
°C
Maximum Collector Current
IC(max)
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Junction Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Thermal Resistance, Junction to Ambient Air (Note 3)
(Equivalent to one heated junction of NPN)
RθJA
400
°C/W
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, 1 inchx0.85inchx0.062inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on page 6 or our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30755 Rev. 4 - 2
1 of 7
www.diodes.com
DDTCxxxxLP (R1
≠R2 Series)
© Diodes Incorporated


Similar Part No. - DDTC123JLP-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP-7 DIODES-DDTC123JLP-7 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC123JLP-7 DIODES-DDTC123JLP-7 Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
DDTC123JLP-7B DIODES-DDTC123JLP-7B Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
More results

Similar Description - DDTC123JLP-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP DIODES-DDTC123JLP_09 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC114ELP DIODES-DDTC114ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1 = R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC144ELP DIODES-DDTC144ELP Datasheet
192Kb / 3P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com