Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV200BB-120WAK Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV200BB-120WAK
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BB-120WAK Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV200BB-120WAK Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 9Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 10Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 11Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 12Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 13Page - Advanced Micro Devices AM29LV200BB-120WAK Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
8
Am29LV200B
21521D6 October 10, 2006
D A TA SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV200B
T
-55R
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-free package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
E
=
Extended (–55
°C to +125°C)
K
=
Extended (–55
°C to +125°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
S
=
44-Pin Small Outline Package (SO 044)
WA
=
48-ball Fine-pitch Ball Grid Array (FBGA),
0.80 mm ball pitch, 6 x 8 mm package (FBA048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29LV200B
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations
AM29LV200BT-55R,
AM29LV200BB-55R
EC, EI, SC, SI
ED, EF, SD, SF
AM29LV200BT-70,
AM29LV200BB-70
AM29LV200BT-90,
AM29LV200BB-90
EC, EI, EE, ED, EF, EK
SC, SI, SE, SD, SF, SK
AM29LV200BT-120,
AM29LV200BB-120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29LV200BT55R,
AM29LV200BB55R
WAC,
WAI,
WAD,
WAF
L200BT55R,
L200BB55R
C, I,
D, F
AM29LV200BT70,
AM29LV200BB70
WAC,
WAI,
WAE,
WAD,
WAF,
WAK
L200BT70V,
L200BB70V
C, I, E,
D, F, K
AM29LV200BT90,
AM29LV200BB90
L200BT90V,
L200BB90V
AM29LV200BT120,
AM29LV200BB120
L200BT12V,
L200BB12V


Similar Part No. - AM29LV200BB-120WAK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200BB-120DFC AMD-AM29LV200BB-120DFC Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV200BB-120DFI AMD-AM29LV200BB-120DFI Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV200BB-120DPC AMD-AM29LV200BB-120DPC Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV200BB-120DPI AMD-AM29LV200BB-120DPI Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV200BB-120DRC AMD-AM29LV200BB-120DRC Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
More results

Similar Description - AM29LV200BB-120WAK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_03 Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com