Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV065MU40WHF Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29LV065MU40WHF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU40WHF Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29LV065MU40WHF Datasheet HTML 3Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 4Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 5Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 6Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 9Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 10Page - Advanced Micro Devices AM29LV065MU40WHF Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
September 12, 2006
Am29LV065MU
5
DA TA
SH EET
PRODUCT SELECTOR GUIDE
Note:
1. See “AC Characteristics” for full specifications.
2. For the Am29LV065MU device, the last numeric digit in the speed option (e.g. 101, 112, 120) is used for internal purposes only.
Please use OPNs as listed when placing orders.
3. Contact factory for availability and ordering information.
BLOCK DIAGRAM
Part Number
Am29LV065MU
Speed
Option
V
CC = 3.0–3.6 V
90R
(Note 3)
(V
IO = 3.0–3.6 V)
101R
(V
IO = 2.7–3.6 V)
V
CC = 2.7–3.6 V
101
(V
IO = 2.7–3.6 V)
112R
(V
IO = 1.65–3.6V)
112
(V
IO = 1.65–3.6 V)
120R
(V
IO = 1.65–3.6 V)
120
(V
IO = 1.65–3.6 V)
Max. Access Time (ns)
90
100
110
120
Max. CE# Access Time (ns)
90
100
110
120
Max. Page access time (t
PACC)25
30
30
40
30
40
Max. OE# Access Time (ns)
25
30
30
40
30
40
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC Detector
State
Control
Command
Register
V
CC
V
SS
V
IO
WE#
ACC
CE#
OE#
STB
STB
DQ0
DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A22–A0


Similar Part No. - AM29LV065MU40WHF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065MU101E AMD-AM29LV065MU101E Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU101EI AMD-AM29LV065MU101EI Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU101F AMD-AM29LV065MU101F Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU101FI AMD-AM29LV065MU101FI Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU101WH AMD-AM29LV065MU101WH Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

Similar Description - AM29LV065MU40WHF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com