Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM41DL1624DT30IT Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM41DL1624DT30IT
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL1624DT30IT Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM41DL1624DT30IT Datasheet HTML 42Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 43Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 44Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 45Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 46Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 47Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 48Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 49Page - Advanced Micro Devices AM41DL1624DT30IT Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Am41DL16x4D
45
P R E L IMINARY
AC CHARACTERISTICS
Flash Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
Speed Options
Unit
JEDEC
Std
Description
Min
70
85
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
Min
0
ns
t
ASO
Address Setup Time to OE# or
CE#f low during toggle bit
polling
Min
15
ns
tWLAX
tAH
Address Hold Time (WE# to Address)
Min
45
ns
t
AHT
Address Hold Time From CE#f or OE# high during toggle bit
polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
35
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
tOEH
OE# Hold Time
Read
Min
0
ns
Toggle and Data# Polling
Min
10
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write (OE# High to CE#f Low)
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time (CE#f to WE#)
Min
0
ns
tELWL
tCS
CE#f Setup Time (WE# to CE#f)
Min
0
ns
t
EHWH
t
WH
WE# Hold Time (CE#f to WE#)
Min
0
ns
tWHEH
tCH
CE#f Hold Time (CE#f to WE#)
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
30
35
ns
tELEH
tCP
CE#f Pulse Width
Min
30
35
ns
t
WHDL
t
WPH
Write Pulse Width High
Min
0
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
t
WHWH1
t
WHWH1
Programming Operation (Note 2)
Typ
7
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 2)
Typ
4
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.7
sec
tVCS
VCCf Setup Time (Note 1)
Min
50
µs
t
RB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90
ns


Similar Part No. - AM41DL1624DT30IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208GB25IT AMD-AM41DL3208GB25IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
logo
SPANSION
AM41DL3208GB30IT SPANSION-AM41DL3208GB30IT Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208GB30IT AMD-AM41DL3208GB30IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

Similar Description - AM41DL1624DT30IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com