Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M410000027 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # M410000027
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000027 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button M410000027 Datasheet HTML 6Page - Advanced Micro Devices M410000027 Datasheet HTML 7Page - Advanced Micro Devices M410000027 Datasheet HTML 8Page - Advanced Micro Devices M410000027 Datasheet HTML 9Page - Advanced Micro Devices M410000027 Datasheet HTML 10Page - Advanced Micro Devices M410000027 Datasheet HTML 11Page - Advanced Micro Devices M410000027 Datasheet HTML 12Page - Advanced Micro Devices M410000027 Datasheet HTML 13Page - Advanced Micro Devices M410000027 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
November 12, 2001
Am41DL32x4G
9
P R E L IMINARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations
Am41DL32x
4
G
T
70
I
T
TAPE AND REEL
T
=
7 inches
S=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
SRAM DEVICE DENSITY
4=
4 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am41DL32x4G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation
Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am41DL3224GT70I
Am41DL3224GB70I
T, S
M41000001W
M41000001X
Am41DL3224GT85I
Am41DL3224GB85I
M41000001Y
M41000001Z
Am41DL3234GT70I
Am41DL3234GB70I
M410000020
M410000021
Am41DL3234GT85I
Am41DL3234GB85I
M410000022
M410000023
Am41DL3244GT70I
Am41DL3244GB70I
M410000024
M410000025
Am41DL3244GT85I
Am41DL3244GB85I
M410000026
M410000027


Similar Part No. - M410000027

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
M41000002L AMD-M41000002L Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002M AMD-M41000002M Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002N AMD-M41000002N Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002O AMD-M41000002O Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002P AMD-M41000002P Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

Similar Description - M410000027

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41PDS3224D AMD-AM41PDS3224D Datasheet
996Kb / 59P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com