Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F400BB-90SK Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F400BB-90SK
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-90SK Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F400BB-90SK Datasheet HTML 7Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 8Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 9Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 10Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 11Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 12Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 13Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 14Page - Advanced Micro Devices AM29F400BB-90SK Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
November 1, 2006 21505E5
Am29F400B
9
D A TA
SH EE T
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the
internal register (which is separate from the memory
array) on DQ7–DQ0. Standard read cycle timings apply
in this mode. Refer to the “Autoselect Mode” and
“Autoselect Command Sequence” sections for more
information.
ICC2 in the DC Characteristics table represents the
active current specification for the write mode. The “AC
Characteristics” section contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “The Erase Resume
command is valid only during the Erase Suspend
mode.” for more information, and to “AC Characteris-
tics” for timing diagrams.
Standby Mode
When the system is not reading or writing to the device,
it can place the device in the standby mode. In this
mode, current consumption is greatly reduced, and the
outputs are placed in the high impedance state, inde-
pendent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at VCC ± 0.5 V.
(Note that this is a more restricted voltage range than
VIH.) The device enters the TTL standby mode when
CE# and RESET# pins are both held at VIH. The device
requires standard access time (tCE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
The device also enters the standby mode when the
RESET# pin is driven low. Refer to the next section,
“RESET#: Hardware Reset Pin”.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
In the CMOS and TTL/NMOS-compatible DC Charac-
teristics tables, ICC3 represents the standby current
specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of reset-
ting the device to reading array data. When the
RESET# pin is driven low for at least a period of tRP, the
device immediately terminates any operation in
progress, tristates all output pins, and ignores all read/
write commands for the duration of the RESET# pulse.
The device also resets the internal state machine to
reading array data. The operation that was interrupted
should be reinitiated once the device is ready to accept
another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at VIL, the device enters
the TTL standby mode; if RESET# is held at VSS±0.5
V, the device enters the CMOS standby mode.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase oper-
ation, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of tREADY (not during Embedded Algo-
rithms). The system can read data tRH after the
RESET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET#
parameters and to Figure 10 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is
disabled. The output pins are placed in the high imped-
ance state.


Similar Part No. - AM29F400BB-90SK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400BB-90SC AMD-AM29F400BB-90SC Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400BB-90SCB AMD-AM29F400BB-90SCB Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400BB-90SE AMD-AM29F400BB-90SE Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400BB-90SEB AMD-AM29F400BB-90SEB Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400BB-90SI AMD-AM29F400BB-90SI Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F400BB-90SK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com