Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M410000026 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # M410000026
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M410000026 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button M410000026 Datasheet HTML 24Page - Advanced Micro Devices M410000026 Datasheet HTML 25Page - Advanced Micro Devices M410000026 Datasheet HTML 26Page - Advanced Micro Devices M410000026 Datasheet HTML 27Page - Advanced Micro Devices M410000026 Datasheet HTML 28Page - Advanced Micro Devices M410000026 Datasheet HTML 29Page - Advanced Micro Devices M410000026 Datasheet HTML 30Page - Advanced Micro Devices M410000026 Datasheet HTML 31Page - Advanced Micro Devices M410000026 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
November 12, 2001
Am41DL32x4G
27
P R E L IMINARY
Table 14.
Primary Vendor-Specific Extended Query
Note:
The number of sectors in Bank 2 is device dependent. Am29DL322 = 38h, Am29DL323 = 30h, Am29DL324 = 20h.
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0033h
Minor version number, ASCII
45h
8Ah
0004h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
04 = 29LV800 mode
4Ah
94h
00XXh
(See Note)
Simultaneous Operation
00 = Not Supported, X= Number of Sectors in Bank 2 (Uniform Bank)
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
9Ch
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
9Eh
000Xh
Top/Bottom Boot Sector Flag
02h = Bottom Boot Device, 03h = Top Boot Device


Similar Part No. - M410000026

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
M41000002L AMD-M41000002L Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002M AMD-M41000002M Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002N AMD-M41000002N Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002O AMD-M41000002O Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
M41000002P AMD-M41000002P Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

Similar Description - M410000026

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM41PDS3224D AMD-AM41PDS3224D Datasheet
996Kb / 59P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com