Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D161DT90VI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # D161DT90VI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DT90VI Datasheet(HTML) 3 Page - Advanced Micro Devices

  D161DT90VI Datasheet HTML 1Page - Advanced Micro Devices D161DT90VI Datasheet HTML 2Page - Advanced Micro Devices D161DT90VI Datasheet HTML 3Page - Advanced Micro Devices D161DT90VI Datasheet HTML 4Page - Advanced Micro Devices D161DT90VI Datasheet HTML 5Page - Advanced Micro Devices D161DT90VI Datasheet HTML 6Page - Advanced Micro Devices D161DT90VI Datasheet HTML 7Page - Advanced Micro Devices D161DT90VI Datasheet HTML 8Page - Advanced Micro Devices D161DT90VI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
DATA SHEET
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21533
Rev: E Amendment: 5
Issue Date: December 1, 2006
Am29DL16xD
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
■ Multiple bank architectures
— Four devices available with different bank sizes (refer
to Table 2)
■ Secured Silicon Sector
— Current version of device has 64 Kbytes; future
versions will have 256 bytes
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
— Customer lockable: Can be read, programmed, or
erased just like other sectors. Once locked, data
cannot be changed
■ Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
■ Package options
— 48-ball Very Thin Profile Fine-pitch BGA
— 48-ball Fine-pitch BGA
— 64-ball Fortified BGA
— 48-pin TSOP
■ Top or bottom boot block
■ Manufactured on 0.23 µm process technology
— Compatible with Am29DL16xC devices
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast 70 ns
— Program time: 7 µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 Year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming
and erasing, enabling EEPROM emulation
— Eases sector erase limitations
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in
same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to reading array data
■ WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system


Similar Part No. - D161DT90VI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
D161DT90VI AMD-D161DT90VI Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - D161DT90VI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com