Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTE42008R Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LTE42008R
Description  NPN microwave power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LTE42008R Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LTE42008R Datasheet HTML 4Page - NXP Semiconductors LTE42008R Datasheet HTML 5Page - NXP Semiconductors LTE42008R Datasheet HTML 6Page - NXP Semiconductors LTE42008R Datasheet HTML 7Page - NXP Semiconductors LTE42008R Datasheet HTML 8Page - NXP Semiconductors LTE42008R Datasheet HTML 9Page - NXP Semiconductors LTE42008R Datasheet HTML 10Page - NXP Semiconductors LTE42008R Datasheet HTML 11Page - NXP Semiconductors LTE42008R Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Feb 24
9
Philips Semiconductors
Product specification
NPN microwave power transistor
LTE42008R
PACKAGE OUTLINE
Dimensions in mm.
Torque on screw: Max. 0.4 Nm.
Recommended screw: M2.5.
(1) Flatness of this area ensures full thermal contact with bolt head.
Fig.11 SOT440A.
handbook, full pagewidth
MBC888
O 0.25 M
1
2
(1)
3.4
3.2
2.9
2.0
7.1
14.2
5.1
5.5
max
4.5
min
4.5
min
0.25 M
1.0
0.1
3.45
2.90
20.5 max
seating plane
3
1.7 max
4.5
max


Similar Part No. - LTE42008R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LTE42005S PHILIPS-LTE42005S Datasheet
52Kb / 10P
   NPN microwave power transistor
1997 Feb 21
More results

Similar Description - LTE42008R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
PZB16035U PHILIPS-PZB16035U Datasheet
67Kb / 12P
   NPN microwave power transistor
1997 Feb 18
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
   NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
PVB42004X PHILIPS-PVB42004X Datasheet
64Kb / 8P
   NPN microwave power transistor
1997 Feb 19
PXB16050U PHILIPS-PXB16050U Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LXE18300X PHILIPS-LXE18300X Datasheet
51Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com