Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM111FE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM111FE
Description  Voltage comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111FE Datasheet(HTML) 1 Page - NXP Semiconductors

  LM111FE Datasheet HTML 1Page - NXP Semiconductors LM111FE Datasheet HTML 2Page - NXP Semiconductors LM111FE Datasheet HTML 3Page - NXP Semiconductors LM111FE Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
LM111/211/311/
LM311B
Voltage comparator
273
August 31, 1994
853-0927 13721
DESCRIPTION
The LM111 series are voltage comparators that have input currents
approximately a hundred times lower than devices like the
µA710.
They are designed to operate over a wider range of supply voltages;
from standard
±15V op amp supplies down to a single 3V supply.
Their output is compatible with RTL, DTL, and TTL as well as MOS
circuits. Further, they can drive lamps or relays, switching voltages
up to 50V at currents as high as 50mA.
Both the inputs and the outputs of the LM111 series can be isolated
from system ground, and the output can drive loads referred to
ground, the positive supply, or the negative supply. Offset balancing
and strobe capability are provided and outputs can be wire-ORed.
Although slower than the
µA710 (200ns response time vs 40ns), the
devices are also much less prone to spurious oscillations. The LM111
series has the same pin configuration as the
µA710 series.
FEATURES
Operates from single 3V supply (LM311B)
Maximum input bias current: 150nA (LM311—250nA)
Maximum offset current: 20nA (LM311—50nA)
Differential input voltage range: ±30V
Power consumption: 135mW at ±15V
High sensitivity—200V/mV
Zero crossing detector
PIN CONFIGURATION
1
2
3
4
5
6
7
8
D, FE, N PACKAGES
GND
INPUT
INPUT
V–
V+
OUTPUT
BAL/STROBE
BALANCE
+
APPLICATIONS
Precision squarer
Positive/negative peak detector
Low voltage adjustable reference supply
Switching power amplifier
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
LM111N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LM211N
0404B
8-Pin Plastic Small Outline Package (SO)
0 to +70
°C
LM311D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM311N
0404B
8-Pin Plastic Small Outline Package (SO)
-25
°C to +85°C
LM211D
0174C
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
LM111FE
0580A
8-Pin Plastic Small Outline Package (SO)
0 to +70
°C
LM311BD
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM311BN
0404B


Similar Part No. - LM111FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM111FK TI-LM111FK Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111FK TI-LM111FK Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111FKB TI-LM111FKB Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111FKB TI-LM111FKB Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111FKB TI1-LM111FKB Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Similar Description - LM111FE

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com